Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS551 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS551
Description  1 to 4 Clock Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS551 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS551 Datasheet HTML 1Page - Integrated Circuit Systems ICS551 Datasheet HTML 2Page - Integrated Circuit Systems ICS551 Datasheet HTML 3Page - Integrated Circuit Systems ICS551 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS551
1 to 4 Clock Buffer
MDS 551 B
2
Revision 091200
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Pin Assignment
Number
Name
Type
Description
1
ICLK
CI
Clock input. Internal pull-up resistor.
2
Q1
O
Clock Output 1.
3
Q2
O
Clock Output 2.
4
Q3
O
Clock Output 3.
5
Q4
O
Clock Output 4.
6
GND
P
Connect to ground.
7
VDD
P
Connect to +3.3 V or +5.0 V.
8
OE
I
Output Enable. Tri-states outputs when low. Internal pull-up resistor.
Pin Descriptions
Key: CI = clock input, I = input, O = output, P = power supply connection
1
8
2
3
4
7
6
5
ICLK
Q2
OE
Q1
Q4
8 pin SOIC
Q3
VDD
GND
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01 µF should be connected between VDD on pin 7 and GND on pin 6, and a 33
Ω terminating resistor
may be used on each clock output if the trace is longer than 1 inch.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com