Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS551 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS551
Description  1 to 4 Clock Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS551 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS551 Datasheet HTML 1Page - Integrated Circuit Systems ICS551 Datasheet HTML 2Page - Integrated Circuit Systems ICS551 Datasheet HTML 3Page - Integrated Circuit Systems ICS551 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS551
1 to 4 Clock Buffer
MDS 551 B
1
Revision 091200
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
• Packaged in 8 pin SOIC
• Low cost clock buffer
• Low skew (250ps) outputs
• Input/output clock frequency up to 160 MHz
• Operating voltages of 3.0 to 5.5 V
• Non-inverting
• Ideal for networking clocks
• Output Enable mode tri-states outputs
• Full CMOS clock swings with 25mA drive
capability at TTL levels
• Advanced, low power CMOS process
The ICS551 is a low cost, high speed single input
to four output clock buffer. Part of ICS’ Clock
BlocksTM family, this is our lowest cost, small clock
buffer. See the ICS552-01B for a monolithic dual
version of the ICS551 in a 20 pin QSOP.
ICS makes many non-PLL and PLL based low
skew output devices, as well as Zero Delay Buffers
to synchronize clocks. Contact us for all of your
clocking needs.
Block Diagram
Description
Features
Q1
Q2
Q3
Q4
ICLK
Output Enable


Similar Part No. - ICS551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS551

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MLF IDT-ICS553MLF Datasheet
92Kb / 8P
nLOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com