Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS552-03
Description  LOW SKEW 1 TO 8 CLOCK BUFFER (4 AT 1X, 4 AT 1/2X)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS552-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW SKEW 1 TO 8 CLOCK BUFFER (4 AT 1X, 4 AT 1/2X)
MDS 552-03 B
2
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS552-03
Pin Assignment
Input Source Select
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. Decoupling capacitors of
0.01
µF should be connected between VDD on pin 2 and GND on pin 7,and between VDD on pin 15 and
GND on pin 10, as close to the device as possible. A 33
Ω series terminating resistor should be used on
each clock output if the trace is longer than 1 inch.
To achieve the low output skews that the ICS552-03 is capable of, careful attention must be paid to board
layout. Essentially, all 8 outputs must have identical terminations, identical loads, and identical trace
geometries. If they do not, the output skew will be degraded. For example, using a 30
Ω series termination
on one output (with 33
Ω on the others) will cause at least 15 ps of skew.
12
1
11
2
10
3
9
OE
4
VDD
5
Q0
6
VDD
7
Q1
8
Q2
P3
P2
P1
Q3
P0
INA
GND
GND
16
15
14
13
INB
SELA
16 Pin 173 Mil (0.65mm) TSSOP
SELA
Input
0INB
1INA
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
OE
Input
Output Enable. Tri-states outputs when low.Internal Pull-up resistor
2
VDD
Power
Connect to +2.5 V, +3.3 V or +5.0 V. Must be the same as pin 15
3
Q0
Output
Clock Output Q0
4
Q1
Output
Clock Output Q1
5
Q2
Output
Clock Output Q2
6
Q3
Output
Clock Output Q3
7
GND
Power
Ground
8
INB
Input
Clock Input B. 5 V tolerant input
9
INA
Input
Clock Input A. 5 V tolerant input
10
GND
Power
Ground
11
P0
Output
Clock Output P0
12
P1
Output
Clock Output P1
13
P2
Output
Clock Output P2
14
P3
Output
Clock Output P3
15
VDD
Power
Connect to +2.5 V, +3.3 V or +5.0 V. Must be the same as pin 2
16
SELA
Input
Selects either INA or INB. Internal pull-up resistor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com