Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-03 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS552-03
Description  LOW SKEW 1 TO 8 CLOCK BUFFER (4 AT 1X, 4 AT 1/2X)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-03 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS552-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS552-03 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW SKEW 1 TO 8 CLOCK BUFFER (4 AT 1X, 4 AT 1/2X)
MDS 552-03 B
4
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS552-03
DC Electrical Characteristics (continued)
VDD=3.3V ±5%, Ambient temperature 0 to +70
°C, unless stated otherwise
VDD=5V ±5%, Ambient temperature 0 to +70
°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
AC Electrical Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage, INA, INB
VIH
Note 1
VDD/2+0.7
5.5
V
Input Low Voltage, INA, INB
VIL
Note 1
VDD/2-0.7
V
Input High Voltage, OE, SELA
VIH
2VDD
V
Input Low Voltage, OE, SELA
VIL
0.4
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.8
V
Operating Supply Current
IDD
No load, 100 MHz
25
mA
Short Circuit Current
IOS
Each output
80
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.75
5.25
V
Input High Voltage, INA, INB
VIH
Note 1
VDD/2+1
5.5
V
Input Low Voltage, INA, INB
VIL
Note 1
VDD/2-1
V
Input High Voltage, OE, SELA
VIH
2VDD
V
Input Low Voltage, OE, SELA
VIL
0.4
V
Output High Voltage
VOH
IOH = -45 mA
2.4
V
Output Low Voltage
VOL
IOL = 45 mA
0.8
V
Operating Supply Current
IDD
No load, 100 MHz
45
mA
Short Circuit Current
IOS
Each output
100
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
160
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.5
ns
Propagation Delay
Note 1
6.5
ns
Output to output skew. Between
any two Q outputs
Note 2
Rising edges at VDD/2
0
50
ps
Output to output skew. Between
any two P outputs
Note 2
Rising edges at VDD/2
0
50
ps
Output to output skew. Between
any P to any Q output
Note 2
Rising edges at VDD/2
0
100
ps
Input A to Input B skew.
Note 3
0
50
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com