Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570MI Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS570MI
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570MI Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS570MI Datasheet HTML 1Page - Integrated Circuit Systems ICS570MI Datasheet HTML 2Page - Integrated Circuit Systems ICS570MI Datasheet HTML 3Page - Integrated Circuit Systems ICS570MI Datasheet HTML 4Page - Integrated Circuit Systems ICS570MI Datasheet HTML 5Page - Integrated Circuit Systems ICS570MI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ICS570A
Multiplier and Zero Delay Buffer
MDS 570A C
2
Revision 102700
Printed 11/14/00
Integrated Circuit Systems, Inc .• 525 Race Street • San Jose • CA •95126• (408)295-9800tel •www.icst.com
Pin Assignment
Number
Name
Type
Description
1
S1
I
Select 1 for output clock. Connect to GND, VDD, or float per decoding table above.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
ICLK
CI
Reference clock input.
5
FBIN
CI
Feedback clock input.
6
S0
I
Select 0 for output clock. Connect to GND, VDD, or float per decoding table above.
7
CLK
O
Clock output per Table above.
8
CLK/2
O
Clock output per Table above. Low skew divide by two of pin 7 clock.
Pin Descriptions
Key: CI = clock input, I = input, O = output, P = power supply connection
Clock Multiplier Decoding Table
(Multiplies input clock by shown amount)
0 = connect directly to ground.
M = leave unconnected (self-biases to VDD/2).
1 = connect directly to VDD.
*Input range with CLK feedback is double that for CLK/2.
FBIN from CLK
FBIN from CLK
FBIN from CLK/2
FBIN from CLK/2
ICLK Input Range
S1
S0
CLK
CLK/2
CLK
CLK/2
FB from CLK/2 *
#1
#6
pin # 7
pin # 8
pin # 7
pin # 8
(3.3V, MHz)
0
0
Power Down and Tri-State
Power Down and Tri-State
Power Down and Tri-State
Power Down and Tri-State
-
0
M
x3
x1.5
x6
x3
2.5 to 25
0
1
x4
x2
x8
x4
2.5 to 19
M
0
x8
x4
x16
x8
2.5 to 9.5
M
M
x6
x3
x12
x6
2.5 to 12.5
M
1
x10
x5
x20
x10
2.5 to 7.5
1
0
x1
÷2
x2
x1
5 to 75
1
M
x16
x8
x32
x16
2.5 to 5
1
1
x2
x1
x4
x2
2.5 to 37.5
1
8
2
3
4
7
6
5
S1
GND
CLK
VDD
FBIN
8 pin SOIC
ICLK
CLK/2
S0
External Components
The ICS570A requires a 0.01 µF decoupling capacitor to be connected between VDD and GND. It must
be connected close to the ICS570A to minimize lead inductance. No external power supply filtering is
required for this device. A 27
Ω terminating resistor can be used next to each output pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com