Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570MI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS570MI
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570MI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS570MI Datasheet HTML 1Page - Integrated Circuit Systems ICS570MI Datasheet HTML 2Page - Integrated Circuit Systems ICS570MI Datasheet HTML 3Page - Integrated Circuit Systems ICS570MI Datasheet HTML 4Page - Integrated Circuit Systems ICS570MI Datasheet HTML 5Page - Integrated Circuit Systems ICS570MI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS570A
Multiplier and Zero Delay Buffer
MDS 570A C
1
Revision 102700
Printed 11/14/00
Integrated Circuit Systems, Inc .• 525 Race Street • San Jose • CA •95126• (408)295-9800tel •www.icst.com
• Packaged in 8 pin SOIC.
• Pin-for-pin replacement and upgrade to ICS570
• Functional equivalent to AV9170 (not a pin-
for-pin replacement).
• Low input to output skew of 500 ps max.
• Low skew (250 ps) outputs. One is ÷ 2 of other.
• Ability to choose between 14 different
multipliers from 0.5X to 32X.
• Input clock frequency up to 150 MHz at 3.3V.
• Can recover poor input clock duty cycle.
• Output clock duty cycle of 45/55.
• Power Down and Tri-State Mode.
• Full CMOS clock swings with 25mA drive
capability at TTL levels.
• Advanced, low power CMOS process.
• Operating voltage of 3.0 to 5.5 V.
• Industrial temperature version available
The ICS570A is a high performance Zero Delay
Buffer (ZDB) which integrates ICS’ proprietary
analog/digital Phase Locked Loop (PLL) techniques.
ICS introduced the world standard for these devices
in 1992 with the debut of the AV9170. The
ICS570A, part of ICS’ ClockBlocks™ family, was
designed as a performance upgrade to meet today’s
higher speed and lower voltage requirements. The
zero delay feature means that the rising edge of the
input clock aligns with the rising edges of both
outputs, giving the appearance of no delay through
the device. There are two outputs on the chip, one
being a low-skew divide by two of the other. The chip
has an all-chip power down/tri-state mode that stops
the internal PLL and puts both outputs into the high
impedance state.
The chip is ideal for synchronizing outputs in a large
variety of systems, from personal computers to data
communications to video. By allowing off-chip
feedback paths, the ICS570A can eliminate the delay
through other devices.
The ICS570A was done to improve jitter from the
original ICS570, and so it is recommended for all new
designs.
Block Diagram
Description
Features
divide by
N
Phase
Detector,
Charge
Pump, and
Loop Filter
Voltage
Controlled
Oscillator
CLK
Output
Buffer
ICLK
CLK/2
Output
Buffer
FBIN
÷2
S1, S0
2
External feedback can come from CLK or CLK/2 (see table on page 2).


Similar Part No. - ICS570MI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570MI ICST-ICS570MI Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
ICS570MIT ICST-ICS570MIT Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
More results

Similar Description - ICS570MI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
Frequency Multiplier and Zero Delay Buffer
January 5, 2000, rev. A
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com