Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS604 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS604
Description  Intel Graphics Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS604 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS604 Datasheet HTML 1Page - Integrated Circuit Systems ICS604 Datasheet HTML 2Page - Integrated Circuit Systems ICS604 Datasheet HTML 3Page - Integrated Circuit Systems ICS604 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS604
Intel Graphics Clock Source
MDS 604 A
2
Revision 022499
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Pin Assignment
Pin Descriptions
Key: I = Input; O = output; XI, XO = crystal connections; P = power supply connection
1
8
2
3
4
7
6
5
X1/ICLK
VDDC
GND
14.3M
X2
VDDIO
24.576M
48M
External Components / Crystal Selection
The ICS604 requires 0.01 µF decoupling capacitors to be connected between VDDC and GND, and
between VDDIO and GND. They must be connected close to the ICS604 to minimize lead inductance.
No external power supply filtering is required for this device. A 33
Ω terminating resistor can be used next
to the output pins when driving 50
Ω lines. The total on-chip crystal capacitance is approximately 6 pF,
and a parallel resonant, fundamental mode crystal should be used. Crystal capacitors should be connected
from each of the pins X1 and X2 to Ground as shown in the Block Diagram on page 1. The value (in pF)
of these crystal caps should be = (CL-6)*2, where CL is the crystal load capacitance in pF. For a clock
input, connect to X1 and leave X2 unconnected (no capacitors on either).
Number
Name
Type
Description
1
X1/ICLK
XI
Crystal connection for 14.31818 MHz crystal, or clock input.
2
VDDC
P
Connect to +3.3V or +5V. +5 V recommended for lowest output noise (jitter).
3
GND
P
Connect to ground.
4
14.3M
O
Buffered crystal oscillator output clock.
5
48M
O
48.0 MHz clock output for Intel graphics controller.
6
24.576M
O
24.576 MHz clock output.
7
VDDIO
P
Connect to +3.3 V or +5 V. Cannot be greater than VDDC.
8
X2
XO
Crystal connection for 14.31818 MHz crystal. Leave unconnected for clock input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com