Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS604 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS604
Description  Intel Graphics Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS604 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS604 Datasheet HTML 1Page - Integrated Circuit Systems ICS604 Datasheet HTML 2Page - Integrated Circuit Systems ICS604 Datasheet HTML 3Page - Integrated Circuit Systems ICS604 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS604
Intel Graphics Clock Source
MDS 604 A
1
Revision 022499
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
• Packaged as 8 pin SOIC or die
• Compatible with Intel graphics controllers
• Zero ppm synthesis error on 48 MHz output
• Input frequency of 14.31818 MHz
• Output clock frequencies of 48 MHz,
24.576 MHz, plus 14.31818 MHz Reference
output
• Low jitter
• Operating voltages of 3.0 to 5.5 V
• Full CMOS-level outputs with 25 mA drive
capability at TTL levels
• Advanced, low power CMOS process
The ICS604 is the most cost effective way to
generate high quality, high frequency clocks for
Intel’s latest generation of graphics controllers. It
provides 48 MHz for the graphics controller, a
24.576 MHz clock for video or audio, as well as a
14.31818 MHz buffered output for the system
clock. Using patented Phase-Locked-Loop (PLL)
techniques, the ICS604 requires only a standard
fundamental mode, inexpensive crystal.
ICS makes additional devices to meet multiple
graphic system requirements. If the 24.576 MHz
clock is not needed, use the ICS513. If additional
frequencies are required for different video
encoders and decoders, see the ICS614-01.
Block Diagram
Description
Features
14.318 MHz
48 MHz
24.576 MHz
Crystal
Oscillator
VDDC GND
PLL
Clock
Synthesis
and Control
Circuitry
14.318 MHz
crystal or clock
Output
Buffer
X1/ICLK
X2
Output
Buffer
Output
Buffer
VDDIO


Similar Part No. - ICS604

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601 ICST-ICS601 Datasheet
7Kb / 1P
ICS601 Demo Board Schematic
Revision 022803
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
More results

Similar Description - ICS604

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS614-01 ICST-ICS614-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
MediaClock Graphics Clock Generator
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
VOIP Clock Source
Revision 112603
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
Intel™ Mobile/SDRAM Clock Source
2019
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com