Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-R Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24C32-R
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-R Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24C32-R Datasheet HTML 34Page - STMicroelectronics M24C32-R Datasheet HTML 35Page - STMicroelectronics M24C32-R Datasheet HTML 36Page - STMicroelectronics M24C32-R Datasheet HTML 37Page - STMicroelectronics M24C32-R Datasheet HTML 38Page - STMicroelectronics M24C32-R Datasheet HTML 39Page - STMicroelectronics M24C32-R Datasheet HTML 40Page - STMicroelectronics M24C32-R Datasheet HTML 41Page - STMicroelectronics M24C32-R Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Part numbering
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
38/42
DocID4578 Rev 24
10
Part numbering
Table 25. Packaged products ordering information scheme
Example:
M24C32-D
W
MN 6
T
P /P
Device type
M24 = I2C serial access EEPROM
Device function
C32 = 32 Kbit (4096 x 8)
Device family
Blank = Without Identification page
D = With additional Identification page
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
X = VCC = 1.6 V to 5.5 V
Package
BN = PDIP8 (1)
1. RoHS-compliant (ECOPACK1®)
MN = SO8 (150 mil width) (2)
2. RoHS-compliant and halogen-free (ECOPACK2®)
DW = TSSOP8 (169 mil width)(2)
MC = UFDFPN8 (MLP8) (2)
MH = UFDFPN5 (MLP5)(2)
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
5 = Consumer: device tested with standard test flow over –20 to 85°C
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(3)
3. The process letter is used only when ordering WLCSP packages, the process letter is not specified when
ordering any other package. These process letters appear on the device package (marking) and on the
shipment box. Please contact your nearest ST Sales Office for further information.
/P or /K or /T = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com