Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C32-R
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-R Datasheet(HTML) 1 Page - STMicroelectronics

  M24C32-R Datasheet HTML 1Page - STMicroelectronics M24C32-R Datasheet HTML 2Page - STMicroelectronics M24C32-R Datasheet HTML 3Page - STMicroelectronics M24C32-R Datasheet HTML 4Page - STMicroelectronics M24C32-R Datasheet HTML 5Page - STMicroelectronics M24C32-R Datasheet HTML 6Page - STMicroelectronics M24C32-R Datasheet HTML 7Page - STMicroelectronics M24C32-R Datasheet HTML 8Page - STMicroelectronics M24C32-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
September 2014
DocID4578 Rev 24
1/42
M24C32-W M24C32-R M24C32-F
M24C32-X M24C32-DF
32-Kbit serial I²C bus EEPROM
Datasheet
- production data
Features
• Compatible with all I2C bus modes:
–1 MHz
– 400 kHz
– 100 kHz
• Memory array:
– 32 Kbit (4 Kbytes) of EEPROM
– Page size: 32 bytes
– Additional Write lockable page
(M24C32-D order codes)
• Single supply voltage:
– 1.7 V to 5.5 V over –40 °C / +85 °C
– 1.6 V to 5.5 V over –20 °C / +85 °C
• Write:
– Byte Write within 5 ms (10 ms when
VCC = 1.6 V)
– Page Write within 5 ms (10 ms when
VCC = 1.6 V)
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-year data retention
Packages
• PDIP8 ECOPACK1®
• SO8 ECOPACK2®
• TSSOP8 ECOPACK2®
• UFDFPN8 ECOPACK2®
• UFDFPN5 ECOPACK2®
PDIP8 (BN)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8
(MC)
UFDFPN5
(MH)
Unsawn wafer
www.st.com


Similar Part No. - M24C32-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-R STMICROELECTRONICS-M24C32-R Datasheet
394Kb / 26P
64Kbit and 32Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C32-R STMICROELECTRONICS-M24C32-R Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24C32-R STMICROELECTRONICS-M24C32-R Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24C32-R STMICROELECTRONICS-M24C32-R Datasheet
385Kb / 38P
32 Kbit serial I²C bus EEPROM
07-Dec-2009
M24C32-R STMICROELECTRONICS-M24C32-R Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
More results

Similar Description - M24C32-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14C64 STMICROELECTRONICS-M14C64 Datasheet
126Kb / 14P
Memory Card IC 64/32 Kbit Serial I²C Bus EEPROM
Oct-1999
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
32 Kbit serial I²C bus EEPROM
07-Dec-2009
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
32-Kbit serial I²C bus EEPROM
25-Jul-2012
M24C32-FMC6TG STMICROELECTRONICS-M24C32-FMC6TG Datasheet
392Kb / 40P
32-Kbit serial I²C bus EEPROM
25-Jul-2012
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
32-Kbit serial I짼C bus EEPROM
25-Jul-2012
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
4-Kbit serial IC bus EEPROM
12-Sep-2013
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
32-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
10-Feb-2016
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
32-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com