Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-DF Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C32-DF
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C32-DF Datasheet HTML 19Page - STMicroelectronics M24C32-DF Datasheet HTML 20Page - STMicroelectronics M24C32-DF Datasheet HTML 21Page - STMicroelectronics M24C32-DF Datasheet HTML 22Page - STMicroelectronics M24C32-DF Datasheet HTML 23Page - STMicroelectronics M24C32-DF Datasheet HTML 24Page - STMicroelectronics M24C32-DF Datasheet HTML 25Page - STMicroelectronics M24C32-DF Datasheet HTML 26Page - STMicroelectronics M24C32-DF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID4578 Rev 24
23/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
DC and AC parameters
41
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 6. Operating conditions (voltage range W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature
–40
85
°C
fC
Operating clock frequency
-
1(1)
1. fCmax is 400 kHz devices identified by process letter P.
MHz
Table 7. Operating conditions (voltage range R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
fC
Operating clock frequency
-
1(1)
1. fCmax is 400 kHz devices identified by process letter P.
MHz
Table 8. Operating conditions (voltage range F)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6(1)
1. Only for devices identified with process letter T
1.7
5.5
V
TA
Ambient operating temperature:READ
-40
-40
85
°C
Ambient operating temperature: WRITE
0
-40
85
fC
Operating clock frequency @1.6 V(1)
-400
KHz
Operating clock frequency @1.7 V
-
1000
Table 9. Operating conditions (voltage range X)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6
5.5
V
TA
Ambient operating temperature
–20
85
°C
fC
Operating clock frequency
-
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com