Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-DF Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C32-DF
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C32-DF Datasheet HTML 21Page - STMicroelectronics M24C32-DF Datasheet HTML 22Page - STMicroelectronics M24C32-DF Datasheet HTML 23Page - STMicroelectronics M24C32-DF Datasheet HTML 24Page - STMicroelectronics M24C32-DF Datasheet HTML 25Page - STMicroelectronics M24C32-DF Datasheet HTML 26Page - STMicroelectronics M24C32-DF Datasheet HTML 27Page - STMicroelectronics M24C32-DF Datasheet HTML 28Page - STMicroelectronics M24C32-DF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID4578 Rev 24
25/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
DC and AC parameters
41
Table 13. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1. The data retention behavior is checked in production, while the data retention limit defined in this table is
extracted from characterization and qualification results.
TA = 55 °C
200(2)
2. For products identified by process letter K or T (previous products were specified with a data retention of 40
years at 55°C).
Year
Table 14. DC characteristics (M24C32-W, device grade 6)
Symbol
Parameter
Test conditions (in addition to those
in Table 6)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2, E1,
E0)
VIN = VSS or VCC, device in Standby
mode
-± 2
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage applied
on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
2.5 V < VCC < 5.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
-2
mA
2.5 V < VCC < 5.5 V, fc = 1 MHz(1)
(rise/fall time < 50 ns)
1. Only for devices identified with process letter K or T.
-2.5
mA
ICC0
Supply current (Write)
During tW,
2.5 V ≤ VCC ≤ 5.5 V
-5(2)
2. Characterized value, not tested in production.
mA
ICC1
Standby supply
current
Device not selected(3),
VIN = VSS or VCC, VCC = 2.5 V
3. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-2
µA
Device not selected(3),
VIN = VSS or VCC, VCC = 5.5 V
-3(4)
4. 5 µA for previous devices identified by process letter P.
µA
VIL
Input low voltage
(SCL, SDA, WC, E2,
E1, E0)(5)
5. Ei inputs should be tied to Vss (see Section 2.3).
-
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
-0.7 VCC
6.5
V
Input high voltage
(WC, E2, E1, E0)(6)
6. Ei inputs should be tied to Vcc (see Section 2.3).
-0.7 VCC VCC+1
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com