Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8343I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8343I
Description  LOW SKEW 1-TO-16 FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343I Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS8343I Datasheet HTML 1Page - Integrated Circuit Systems ICS8343I Datasheet HTML 2Page - Integrated Circuit Systems ICS8343I Datasheet HTML 3Page - Integrated Circuit Systems ICS8343I Datasheet HTML 4Page - Integrated Circuit Systems ICS8343I Datasheet HTML 5Page - Integrated Circuit Systems ICS8343I Datasheet HTML 6Page - Integrated Circuit Systems ICS8343I Datasheet HTML 7Page - Integrated Circuit Systems ICS8343I Datasheet HTML 8Page - Integrated Circuit Systems ICS8343I Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
8343I
www.icst.com/products/hiperclocks.html
REV. B MARCH 8, 2001
7
Integrated
Circuit
Systems, Inc.
ICS8343I
LOW SKEW 1-TO-16
FANOUT BUFFER
TABLE 4G. POWER SUPPLY DC CHARACTERISTICS, VDD = VDD1 = VDD2 = 2.5V±5%, TA = -40° TO 85°C
TABLE 4H. LVCMOS DC CHARACTERISTICS, VDD = VDD1 = VDD2 = 2.5V±5%, TA = -40° TO 85°C
TABLE 5D. AC CHARACTERISTICS, VDD = VDD1 = VDD2 = 2.5V±5%, TA = -40° TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
2
D
D
V
,
1
D
D
V
,
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
g
n
i
t
a
r
e
p
O5
7
3
.
25
.
25
2
6
.
2V
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
g
n
i
t
a
r
e
p
O
t
u
p
n
I
0
0
1A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
K
L
CV
5
2
6
.
2
=
D
D
V2
3
.
0
+
D
D
VV
x
E
OV
5
2
6
.
2
=
D
D
V2
3
.
0
+
D
D
VV
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
I
K
L
CV
5
7
3
.
2
=
D
D
V3
.
0
-8
.
0V
x
E
OV
5
7
3
.
2
=
D
D
V3
.
0
-8
.
0V
H
I
Ih
g
i
H
t
u
p
n
It
n
e
r
r
u
CK
L
CD
D
V
=
N
I
V1
A
µ
x
E
OD
D
V
=
N
I
V1
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
CV
0
=
N
I
V0
1
-A
µ
x
E
OV
0
=
N
I
V0
1
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OA
m
5
2
-
=
H
O
I
,
V
5
7
3
.
2
=
D
D
V5
.
1V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OA
m
5
2
=
L
O
I
,
V
5
7
3
.
2
=
D
D
V8
.
0V
H
Z
O
It
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
n
a
d
e
p
m
I
h
g
i
HD
D
V
=
T
U
O
V
,
V
0
=
x
E
O1
A
µ
L
Z
O
It
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
n
a
d
e
p
m
I
h
g
i
H=
T
U
O
V
,
V
0
=
x
E
OV
01
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
3
3
1z
H
M
H
L
p
th
g
i
H
-
o
t
-
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P0
≤ f ≤
z
H
M
3
3
10
.
15
.
27
.
3s
n
L
H
p
tw
o
L
-
o
t
-
h
g
i
H
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P0
≤ f ≤
z
H
M
3
3
14
.
16
.
25
.
3s
n
)
o
(
k
s
t3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
x
D
D
V
@
0
5
2s
p
)
p
p
(
k
s
t4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
x
D
D
V
@
0
5
7s
p
R
te
m
i
T
e
s
i
R
t
u
p
t
u
O
5
.
08
.
0s
n
F
te
m
i
T
ll
a
F
t
u
p
t
u
O
9
.
07
.
1s
n
W
P
th
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
2
/
E
L
C
Y
C
t
5
7
.
0
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
5
7
.
0
+
s
n
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
X
A
M
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
:
1
E
T
O
N
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
2
E
T
O
N
Ω
.
2
/
x
D
D
V
o
t
d
e
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
t
n
e
r
e
f
f
i
d
t
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com