Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8343I Datasheet (PDF) - Integrated Circuit Systems

ICS8343I Datasheet PDF - Integrated Circuit Systems
Part # ICS8343I
Download  ICS8343I Download
File Size   104.07 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 1-TO-16 FANOUT BUFFER

ICS8343I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8343I Datasheet PDF - Integrated Circuit Systems

Part # ICS8343I
Download  ICS8343I Click to download

File Size   104.07 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 1-TO-16 FANOUT BUFFER

ICS8343I Datasheet (HTML) - Integrated Circuit Systems


ICS8343I Product details

GENERAL DESCRIPTION
The ICS8343I is a low skew, 1-to-16 LVCMOS Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8343I is at 5.0V, 3.3V, 2.5V and mixed 3.3V input and 2.5V supply modes over the commercial temperature range. Guaranteed output and part-to-part skew characteristics make the ICS8343I ideal for those clock distribution applications demanding well defined performance and repeatability.

FEATURES
• 16 LVCMOS / LVTTL outputs
• LVCMOS compatible clock input at 5V, LVTTL and LVCMOS compatible at 3.3V and 2.5V
• Output frequency up to 200MHz
• Dual output enable inputs facilitates 1-to-16 or 1-to-8 input-to-output modes
• Output skew: 250ps (maximum)
• Part-to-part skew: 700ps (maximum)
• 5.0V, 3.3V, 2.5V or mixed 3.3V, 2.5V
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS8343I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
More results


Similar Description - ICS8343I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
Low Skew 1-to-16 Fanout Buffer
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com