Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431 Datasheet(HTML) 4 Page - New Japan Radio

  NJM431 Datasheet HTML 1Page - New Japan Radio NJM431 Datasheet HTML 2Page - New Japan Radio NJM431 Datasheet HTML 3Page - New Japan Radio NJM431 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NJM431
- 4 -
Ver.2003-07-18
■TYPICAL CHARACTERISTICS
Reference Voltage
Reference Voltage
Reference Input Current
VREF(dev)
(Ta = -20 to 25°C)
(Ta = 25 to 85°C)
(Ta = 25°C)
No. 1
+5mV
+1mV
2525mV
No. 2
0mV
0mV
2501mV
No. 3
0mV
-6mV
2481mV
No. 4
-2mV
-9mV
2468mV
No. 5
-5mV
-12mV
2456mV
Reference Voltage
IREF(dev)
No.1 -0.38µA
No.2 -0.27µA
No.3 -0.21µA
Safety Operating Boundary Condition
Dynaminc Impedance
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Note) Oscillation might occure while operating
within the range of safety curve.
So that, it is necessary to make ample
margins by taking considerations of
fluctuation of the device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com