Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431 Datasheet(HTML) 1 Page - New Japan Radio

  NJM431 Datasheet HTML 1Page - New Japan Radio NJM431 Datasheet HTML 2Page - New Japan Radio NJM431 Datasheet HTML 3Page - New Japan Radio NJM431 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NJM431
-1-
Ver.2003-07-18
ADJUSTABLE PRECISION SHUNT REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM431 is a 3 terminal adjustable shunt regulator. The output
voltage may be set to any value between VREF (about 2.5V) and 36V
by two resistors. Output circuitry shows a sharp turn-on
characteristics. Applications include shunt regulators, series
regulators for small power and isolation regulators with photo
couplers.
■ FEATURES
• Operating Voltage (VKA = VREF to 36V)
• Fast Tum-On Respability
• Cathode Current (1mA to 100mA)
• Low Dynamic Output Impedance
(0.2Ωtyp.)
• Load Regulation typically (0.1%)
• Package Outline DIP8, DMP8. TO-92. SOT-89
• Bipolar Technology
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT
NJM431D
NJM431M
1. REF
2. ANODE
3. CATHODE
NJM431L(TO-92)
NJM431U(SOT-89)
NJM431L
NJM431U


Similar Part No. - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431 ETC2-NJM431 Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Nisshinbo Micro Devices...
NJM431 NISSHINBO-NJM431 Datasheet
245Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
Ver.2025-02-18
logo
New Japan Radio
NJM431D NJRC-NJM431D Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431D ETC2-NJM431D Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com