Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8521 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8521
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8521 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8521 Datasheet HTML 1Page - Integrated Circuit Systems ICS8521 Datasheet HTML 2Page - Integrated Circuit Systems ICS8521 Datasheet HTML 3Page - Integrated Circuit Systems ICS8521 Datasheet HTML 4Page - Integrated Circuit Systems ICS8521 Datasheet HTML 5Page - Integrated Circuit Systems ICS8521 Datasheet HTML 6Page - Integrated Circuit Systems ICS8521 Datasheet HTML 7Page - Integrated Circuit Systems ICS8521 Datasheet HTML 8Page - Integrated Circuit Systems ICS8521 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
8521BY
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
1
GENERAL DESCRIPTION
The ICS8521 is a low skew, 1-to-9 3.3V Differ-
ential-to-LVHSTL Fanout Buffer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS8521 has two
selectable clock inputs. The CLK, nCLK pair can
accept most standard differential input levels. The PCLK,
nPCLK pair can accept LVPECL, CML, or SSTL input levels.
The clock enable is internally synchronized to eliminate runt
pulseson the outputs during asynchronous assertion/
deassertion of the clock enable pin.
Guaranteed output skew, part-to-part skew and crossover
voltage characteristics make the ICS8521 ideal for today’s
most advanced applications, such as IA64 and static RAMs.
HiPerClockS™
,&6
FEATURES
• 9 LVHSTL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency up to 500MHz
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.8ns (maximum)
• V
OH = 1.2V (maximum)
• 3.3V core, 1.8V output operating supply voltages
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
32 3 1 3 0 29 28 2 7 2 6 25
9 10 1 1 12 13 14 1 5 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q3
nQ3
Q4
nQ4
Q5
nQ5
VDDO
ICS8521
VDD
CLK
nCLK
CLK_SEL
PCLK
nPCLK
GND
CLK_EN
CLK
nCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
D
Q
LE
CLK_EN
CLK_SEL
32-Lead LQFP
7mm x 7mm x 1.4mm Package Body
Y Package
Top View
0
1


Similar Part No. - ICS8521

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A OCTOBER 6, 2003
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
ICS85210AY-21 ICST-ICS85210AY-21 Datasheet
246Kb / 13P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A OCTOBER 6, 2003
ICS85210AY-21T ICST-ICS85210AY-21T Datasheet
246Kb / 13P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A OCTOBER 6, 2003
ICS85210AY-31 ICST-ICS85210AY-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
More results

Similar Description - ICS8521

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
ICS85211I-03 ICST-ICS85211I-03 Datasheet
107Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B APRIL 8, 2003
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com