Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523 Datasheet (PDF) - Integrated Circuit Systems

ICS8523 Datasheet PDF - Integrated Circuit Systems
Part # ICS8523
Download  ICS8523 Download
File Size   136.45 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER

ICS8523 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8523 Datasheet PDF - Integrated Circuit Systems

Part # ICS8523
Download  ICS8523 Click to download

File Size   136.45 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER

ICS8523 Datasheet (HTML) - Integrated Circuit Systems


ICS8523 Product details

GENERAL DESCRIPTION
The ICS8523 is a low skew, high performance 1-to-4 Differential-to-LVHSTL fanout buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8523 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels. The clock enable is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the ICS8523 ideal for those applications demanding well defined performance and repeatability.

FEATURES
• 4 differential 1.8V LVHSTL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types: LVPECL, CML, SSTL
• Maximum output frequency up to 650MHz
• Translates any single-ended input signal to 1.8V LVHSTL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.6ns (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS8523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523AGI-03 ICST-ICS8523AGI-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03LN ICST-ICS8523AGI-03LN Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03LNT ICST-ICS8523AGI-03LNT Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03T ICST-ICS8523AGI-03T Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI03 ICST-ICS8523AGI03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
More results


Similar Description - ICS8523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Integrated Device Techn...
8523I-03 IDT-8523I-03 Datasheet
230Kb / 16P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com