Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8523
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8523 Datasheet HTML 1Page - Integrated Circuit Systems ICS8523 Datasheet HTML 2Page - Integrated Circuit Systems ICS8523 Datasheet HTML 3Page - Integrated Circuit Systems ICS8523 Datasheet HTML 4Page - Integrated Circuit Systems ICS8523 Datasheet HTML 5Page - Integrated Circuit Systems ICS8523 Datasheet HTML 6Page - Integrated Circuit Systems ICS8523 Datasheet HTML 7Page - Integrated Circuit Systems ICS8523 Datasheet HTML 8Page - Integrated Circuit Systems ICS8523 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8523BG
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8523
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8523
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm body package
G Package
Top View
GND
CLK_EN
CLK_SEL
CLK
nCLK
PCLK
nPCLK
nc
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VDDO
Q1
nQ1
Q2
nQ2
VDDO
Q3
nQ3
CLK
nCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
D
Q
LE
GENERAL DESCRIPTION
The ICS8523 is a low skew, high perfor-
mance 1-to-4 Differential-to-LVHSTL fanout buffer
and a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS8523 has two selectable clock inputs. The
CLK, nCLK pair can accept most standard differential input
levels. The PCLK, nPCLK pair can accept LVPECL, CML, or
SSTL input levels. The clock enable is internally synchronized
to eliminate runt pulses on the outputs during asynchronous
assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8523 ideal for those applications demanding
well defined performance and repeatability.
FEATURES
• 4 differential 1.8V LVHSTL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency up to 650MHz
• Translates any single-ended input signal to 1.8V LVHSTL
levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.6ns (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6


Similar Part No. - ICS8523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523AGI-03 ICST-ICS8523AGI-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03LN ICST-ICS8523AGI-03LN Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03LNT ICST-ICS8523AGI-03LNT Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI-03T ICST-ICS8523AGI-03T Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS8523AGI03 ICST-ICS8523AGI03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
More results

Similar Description - ICS8523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Integrated Device Techn...
8523I-03 IDT-8523I-03 Datasheet
230Kb / 16P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com