Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8523
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8523 Datasheet HTML 5Page - Integrated Circuit Systems ICS8523 Datasheet HTML 6Page - Integrated Circuit Systems ICS8523 Datasheet HTML 7Page - Integrated Circuit Systems ICS8523 Datasheet HTML 8Page - Integrated Circuit Systems ICS8523 Datasheet HTML 9Page - Integrated Circuit Systems ICS8523 Datasheet HTML 10Page - Integrated Circuit Systems ICS8523 Datasheet HTML 11Page - Integrated Circuit Systems ICS8523 Datasheet HTML 12Page - Integrated Circuit Systems ICS8523 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8523BG
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
10
Integrated
Circuit
Systems, Inc.
ICS8523
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVHSTL output driver circuit and termination are shown in
Figure 10.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
DD
- 2V.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MAX
/R
L
) * (V
DD_MAX
- V
OH_MAX
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DD_MAX
- V
OL_MAX
)
For logic high, V
OUT
= V
OH_MAX
= V
DD_MAX
– 1.2V
For logic low, V
OUT
= V
OL_MAX
= V
DD_MAX
– 0.4V
Pd_H = (1.2V/50
Ω) * (2V - 1.2V) = 19.2mW
Pd_L = (0.4V/50
Ω) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32mW
FIGURE 10 - LVHSTL DRIVER CIRCUIT AND TERMINATION
V
DD
V
OUT
RL
50
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com