Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8523
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8523 Datasheet HTML 1Page - Integrated Circuit Systems ICS8523 Datasheet HTML 2Page - Integrated Circuit Systems ICS8523 Datasheet HTML 3Page - Integrated Circuit Systems ICS8523 Datasheet HTML 4Page - Integrated Circuit Systems ICS8523 Datasheet HTML 5Page - Integrated Circuit Systems ICS8523 Datasheet HTML 6Page - Integrated Circuit Systems ICS8523 Datasheet HTML 7Page - Integrated Circuit Systems ICS8523 Datasheet HTML 8Page - Integrated Circuit Systems ICS8523 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
8523BG
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
3
Integrated
Circuit
Systems, Inc.
ICS8523
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
N
E
_
K
L
CL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S3
Q
u
r
h
t
0
Q3
Q
n
u
r
h
t
0
Q
n
00
K
L
C
n
,
K
L
CW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
01
K
L
C
P
n
,
K
L
C
PW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
10
K
L
C
n
,
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
11
K
L
C
P
n
,
K
L
C
Pd
e
l
b
a
n
Ed
e
l
b
a
n
E
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
_
K
L
C
r
e
t
f
A
.
1
e
r
u
g
i
F
n
i
n
w
o
h
s
s
a
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
n
i
K
L
C
P
n
,
K
L
C
P
d
n
a
K
L
C
n
,
K
L
C
e
h
t
f
o
n
o
i
t
c
n
u
f
a
e
r
a
s
t
u
p
t
u
o
e
h
t
f
o
e
t
a
t
s
e
h
t
,
e
d
o
m
e
v
i
t
c
a
e
h
t
n
I
.
B
3
e
l
b
a
T
n
i
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
t
i
r
a
l
o
P
K
L
C
P
r
o
K
L
CK
L
C
P
n
r
o
K
L
C
n3
Q
u
r
h
t
0
Q3
Q
n
u
r
h
t
0
Q
n
00
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
11
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
01
E
T
O
N
;
d
e
s
a
i
BW
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
11
E
T
O
N
;
d
e
s
a
i
BH
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
1
E
T
O
N
;
d
e
s
a
i
B0
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
1
E
T
O
N
;
d
e
s
a
i
B1
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
g
n
i
r
i
w
s
e
s
s
u
c
s
i
d
h
c
i
h
w
,
9
e
r
u
g
i
F
,
8
e
g
a
p
n
o
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
.
s
l
e
v
e
l
d
e
d
n
e
e
l
g
n
i
s
t
p
e
c
c
a
o
t
t
u
p
n
i
FIGURE 1 - CLK_EN TIMING DIAGRAM
Enabled
Disabled
nCLK, nPCLK
CLK, PCLK
CLK_EN
nQ0 - nQ3
Q0 - Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com