Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8531-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8531-01
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8531-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8531-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8531AY-01
www.icst.com/products/hiperclocks.html
REV. B AUGUST 9, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8531-01
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8531-01 is a low skew, high performance
1-to-9 Differential-to-3.3V LVPECL Fanout Buffer
and
a
member
of
the
HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS8531-01 has two selectable clock
inputs. The CLK, nCLK pair can accept most standard
differential input levels. The PCLK, nPCLK pair can accept
LVPECL, CML, or SSTL input levels. The clock enable is
internally synchronized to eliminate runt pulses on the out-
puts during asynchronous assertion/deassertion of the clock
enable pin.
Guaranteed output skew and part-to-part skew characteris-
tics make the ICS8531-01 ideal for high performance work-
station and server applications.
HiPerClockS™
,&6
FEATURES
• 9 differential 3.3V LVPECL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency up to 500MHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to 3.3V LVPECL levels with resistor bias on nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 2ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCCO
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCCO
ICS8531-01
VCC
CLK
nCLK
CLK_SEL
PCLK
nPCLK
VEE
CLK_EN
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y package
Top View
CLK
nCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
D
Q
LE
CLK_EN
CLK_SEL
0
1


Similar Part No. - ICS8531-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853102AY ICST-ICS853102AY Datasheet
275Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A NOVEMBER 12, 2003
ICS85310AI11L ICST-ICS85310AI11L Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS85310AI21N ICST-ICS85310AI21N Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310AYI-01 ICST-ICS85310AYI-01 Datasheet
175Kb / 15P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
ICS85310AYI-01 ICST-ICS85310AYI-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results

Similar Description - ICS8531-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
ICS8EN31AK RENESAS-ICS8EN31AK Datasheet
5Mb / 16P
Low Skew, 1-10-9 Differential-To-3.3V LVPECL Fanout Buffer
2017
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com