Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8EN31AK Datasheet (PDF) - Renesas Technology Corp

ICS8EN31AK Datasheet PDF - Renesas Technology Corp
Part # ICS8EN31AK
Download  ICS8EN31AK Download
File Size   6011.63 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-10-9 Differential-To-3.3V LVPECL Fanout Buffer

ICS8EN31AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8EN31AK Datasheet PDF - Renesas Technology Corp

Part # ICS8EN31AK
Download  ICS8EN31AK Click to download

File Size   6011.63 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-10-9 Differential-To-3.3V LVPECL Fanout Buffer

ICS8EN31AK Datasheet (HTML) - Renesas Technology Corp


ICS8EN31AK Product details

FEATURES

* Nine differential 3.3V LVPECL outputs

* Selectable differential CLK, nCLK or LVPECL clock inputs

* CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL

* PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL

* Maximum output frequency: 500MHz

« Translates any single ended input signal (LVCMOS,
LVTTL, GTL) to 3.3V LVPECL levels with resistor bias on
nCLK input

* Output skew: 40ps (maximum)

* Part-to-part skew: 350ps (maximum)

« Propagation delay: 1.9ns (maximum)

* 3.3V operating supply

* 0°C to 70°C ambient operatina temperature




Similar Part No. - ICS8EN31AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
More results


Similar Description - ICS8EN31AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Micrel Semiconductor
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
ICS8530-01 RENESAS-ICS8530-01 Datasheet
354Kb / 18P
Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
2019
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com