Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85311 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS85311
Description  Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85311 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS85311 Datasheet HTML 5Page - Integrated Circuit Systems ICS85311 Datasheet HTML 6Page - Integrated Circuit Systems ICS85311 Datasheet HTML 7Page - Integrated Circuit Systems ICS85311 Datasheet HTML 8Page - Integrated Circuit Systems ICS85311 Datasheet HTML 9Page - Integrated Circuit Systems ICS85311 Datasheet HTML 10Page - Integrated Circuit Systems ICS85311 Datasheet HTML 11Page - Integrated Circuit Systems ICS85311 Datasheet HTML 12Page - Integrated Circuit Systems ICS85311 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICS85311AM
www.icst.com/products/hiperclocks.html
REV. A JUNE 29, 2001
9
Integrated
Circuit
Systems, Inc.
ICS85311
Low Skew, 1-to-2
Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS85311.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation of the ICS85311 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core) = V
CC * IEE = 3.465V * 25mA = 86.6mW
• Power (outputs) = 30.2mW/Loaded Output pair
If all outputs are loaded, the total power is 2 x 30.2mW = 60.4mW
Total Power (3.465V, with all outputs switching) = 86.6mW + 60.4mW = 147mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the
reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
In order to determine if the junction temperature is below 125°C, the appropriate junction-to-ambient thermal
resistance θ
JA must be used in conjunction with the total power dissipation. Assuming a moderate air low of 200 linear
feet per minute and a multi-layer board, the appropriate value is 103.3°C/W per the table below:
Tj = θ
JA * Pd_total + TA where Pd_total is the total power dissipation of the device and TA is the ambient
temperature. Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.147W * 103.3°C/W = 85.2°C. This is well below the limit of 125°C.
This calculation is only an example, and the Tj will obviously vary depending on the number of outputs that are
loaded, supply voltage, air flow, and the type of board (single layer or multi-layer).
Thermal Resistance q
JA
for 8-pin SOIC, Forced Convection
q
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards 153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com