Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85311 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS85311
Description  Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85311 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS85311 Datasheet HTML 5Page - Integrated Circuit Systems ICS85311 Datasheet HTML 6Page - Integrated Circuit Systems ICS85311 Datasheet HTML 7Page - Integrated Circuit Systems ICS85311 Datasheet HTML 8Page - Integrated Circuit Systems ICS85311 Datasheet HTML 9Page - Integrated Circuit Systems ICS85311 Datasheet HTML 10Page - Integrated Circuit Systems ICS85311 Datasheet HTML 11Page - Integrated Circuit Systems ICS85311 Datasheet HTML 12Page - Integrated Circuit Systems ICS85311 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS85311AM
www.icst.com/products/hiperclocks.html
REV. A JUNE 29, 2001
10
Integrated
Circuit
Systems, Inc.
ICS85311
Low Skew, 1-to-2
Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 9.
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load,
and a termination voltage of V
CC
- 2V.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CC
- 2V))/R
L
]*(V
CC
- V
OH_MAX
)
Pd_L = [(V
OL_MAX
– (V
CC
- 2V))/R
L
]*(V
CC
- V
OL_MAX
)
•
For logic high , V
OUT
= V
OH_MAX
= V
CC
– 1.0V
Using V
CC
= 3.465, this results in V
OH_MAX
= 2.465V
•
For logic low , V
OUT
= V
OL_MAX
= V
CC
– 1.7V
Using V
CC
= 3.465, this results in V
OL_MAX
= 1.765V
Pd_H = [(2.465V - (3.465V - 2V))/50 Ω]*(3.465V - 2.465V) = 20.0mW
Pd_L = [(1.765V - (3.465V - 2V))/50 Ω]*(3.465V - 1.765V) = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
Q1
V
OUT
V
CC
RL
50
V
CC - 2V
Figure 9 - LVPECL Driver Circuit and Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com