Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8532-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8532-01
Description  LOW SKEW, 1-TO-17 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8532-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8532-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
8532AY-01
www.icst.com/products/hiperclocks.htlm
REV. B AUGUST 9, 2001
4
Integrated
Circuit
Systems, Inc.
ICS8532-01
LOW SKEW, 1-TO-17
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CCx
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, V
O
-0.5V to V
CCO + 0.5V
Package Thermal Impedance, θ
JA
40°C/W
Storage Temperature, T
STG
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in
the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P5
3
1
.
33
.
35
6
4
.
3V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O5
3
1
.
33
.
35
6
4
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
2
2
10
5
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
N
E
_
K
L
C
L
E
S
_
K
L
C
25
6
7
.
3V
V
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
N
E
_
K
L
C
L
E
S
_
K
L
C
3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
L
E
S
_
K
L
CV
N
I
V
=
C
C
V
5
6
4
.
3
=0
5
1A
µ
N
E
_
K
L
CV
N
I
V
=
C
C
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
L
E
S
_
K
L
CV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=5
-A
µ
N
E
_
K
L
CV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=0
5
1
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
CV
N
I
V
=
C
C
V
5
6
4
.
3
=0
5
1A
µ
K
L
C
nV
N
I
V
=
C
C
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
CV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=5
-A
µ
K
L
C
nV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
2
,
1
E
T
O
N
V
E
E
5
.
0
+V
C
C
5
8
.
0
-V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .
V
s
i
K
L
C
n
d
n
a
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
C
C
.
V
3
.
0
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com