Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8532-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8532-01
Description  LOW SKEW, 1-TO-17 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8532-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8532-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8532AY-01
www.icst.com/products/hiperclocks.htlm
REV. B AUGUST 9, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8532-01
LOW SKEW, 1-TO-17
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8532-01 is a low skew, 1-to-17, Differ-
ential-to-3.3V LVPECL Fanout Buffer and a
member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS8532-01 has two selectable clock inputs.
The CLK, nCLK pair can accept most standard differential
input levels. The PCLK, nPCLK pair can accept LVPECL,
CML, or SSTL input levels. The clock enable is
internally synchronized to eliminate runt pulses on the out-
puts during asynchronous assertion/deassertion of the clock
enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8532-01 ideal for those clock distribution
applications demanding well defined performance and
repeatability.
FEATURES
• 17 differential 3.3V LVPECL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency up to 500MHz
• Translates any single-ended input signal (LVCMOS, LVTTL,
GTL) to 3.3V LVPECL levels with resistor bias on nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 2.5ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
VCCO
nc
nc
VCC
CLK
nCLK
CLK_SEL
PCLK
nPCLK
VEE
CLK_EN
nc
VCCO
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20 21 22 23 24 25 26
39
38
37
36
35
34
33
32
31
30
29
28
27
52 51 50 49 48 47 46 45 44 43 42 41 40
VCCO
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
Q10
nQ10
nc
Vcco
52-Lead LQFP
10mm x 10mm x 1.4mm package body
Y package
Top View
ICS8532-01
HiPerClockS™
,&6
CLK
nCLK
PCLK
nPCLK
Q0 - Q16
nQ0 - nQ16
D
Q
LE
CLK_EN
CLK_SEL
0
1


Similar Part No. - ICS8532-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85320AMI ICST-ICS85320AMI Datasheet
198Kb / 14P
LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. A AUGUST 25, 2004
logo
Integrated Device Techn...
ICS85320AMI IDT-ICS85320AMI Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
More results

Similar Description - ICS8532-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com