Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8535-01
Description  LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8535-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8535-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8535-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS8535AG-01
www.icst.com/products/hiperclocks.html
REV. B JULY 5, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8535-01
LOW SKEW, 1-TO-4
LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8535-01 is a low skew, high performance
1-to-4 LVCMOS-to-3.3V LVPECL fanout buffer
and a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS8535-01 has two single ended clock inputs.
the single ended clock input accepts LVCMOS or LVTTL in-
put levels and translate them to 3.3V LVPECL levels. The
clock enable is internally synchronized to eliminate runt clock
pulses on the output during asynchronous assertion/
deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8535-01 ideal for those applications demand-
ing well defined performance and repeatability.
FEATURES
• 4 differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant
and multiple frequency fanout applications
• CLK0 or CLK1 can accept the following differential input
levels: LVCMOS or LVTTL
• Maximum output frequency up to 266MHz
• Translates LVCMOS and LVTTL levels to 3.3V
LVPECL levels
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.9ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
,&6
ICS8535-01
20-Lead TSSOP
4.4mm x 6.5mm x 0.92mm body package
G Package
Top View
VEE
CLK_EN
CLK_SEL
CLK0
nc
CLK1
nc
nc
nc
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VCC
Q1
nQ1
Q2
nQ2
VCC
Q3
nQ3
CLK0
CLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
D
Q
LE


Similar Part No. - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com