Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6-15W Datasheet(PDF) 2 Page - API Delevan

Part # F6-15W
Description  BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

F6-15W Datasheet(HTML) 2 Page - API Delevan

  F6-15W Datasheet HTML 1Page - API Delevan F6-15W Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RG58/U, BNC Male to Male
Instrumentation & Data
50 Ohm
Part No.
Length
58-012-1M
12 inch
58-024-1M
24 inch
58-036-1M
36 inch
58-048-1M
48 inch
58-060-1M
60 inch
58-072-1M
72 inch
58-120-1M
10 feet
58-180-1M
15 feet
58-300-1M
25 feet
58-600-1M
50 feet
58-900-1M
75 feet
58-1200-1M
100 feet
RG59/U, BNC Male to
MaleVideo & General
75 Ohm
Part No.
Length
59-012-1M
12 inch
59-024-1M
24 inch
59-036-1M
36 inch
59-048-1M
48 inch
59-060-1M
60 inch
59-072-1M
72 inch
59-120-1M
10 feet
59-180-1M
15 feet
59-300-1M
25 feet
59-600-1M
50 feet
59-900-1M
75 feet
59-1200-1M
100 feet
Molded BNC to BNC Cable Assemblies
RG58/U, BNC Male to Male
Instrumentation & Data
50 Ohm
Part No.
Length
58-024-1A
24 inch
58-036-1A
36 inch
58-048-1A
48 inch
58-060-1A
60 inch
Assembled BNC to
BNC Cable Assemblies
RG62/U, BNC Male to
MaleComputer & Lab
93 Ohm
Part No.
Length
62-024-1M
24 inch
62-036-1M
36 inch
62-048-1M
48 inch
62-060-1M
60 inch
BNC to BNC Coax Cable Technical
Specifications
RG58
RG59
RG62
Conductor
Material
BC
CCS
CCS
No./mm
1/0.813
1/0.643
1/0.643
Insulation
Material
LDPE
LDPE
LDPE
Color
Natural
Natural
Natural
Diameter (mm)
2.95
3.71
3.71
Braided Shielding
Material
BC
BC
BC
No./mm
16/7/0.12
16/7/0.12
16/7/0.12
Jacket
Material
PVC
PVC
PVC
Thickness (mm)
0.72
0.9
1
Color
Black
Black
Black
Outer Diameter (mm)
4.95 ±0.15
6.0 ±0.15
6.15 ±0.15
General
Tensile Strength
1,500 psi
1,500 psi
1,500 psi
Nominal Impedance (Ohm)
53.5
73
93
Nominal Capacitance (pF/m)
93.5
68.9
44.3
Attenuation 100MHz (db/km)
138
125
102
Voltage Rating
5.0kv
7.0kv
3.0kv
UL Standard
1354
1354
1354
BC = Bare Copper CCS = Copper Clad Steel LDPE = Low Density PE
F Series Cable Technical Specifications
RG-6
Conductor
Material
CCS
No./mm
1/1.02
Insulation
Material
FPE
Color
White
Diameter (mm)
4.7
Braided Shielding
Material
OFC
No./mm
16/4/0.12
Jacket
Material
PVC
Thickness (mm)
1
Color
Black or White
Outer Diameter (mm)
7.2 ±0.2
General
Tensile Strength
1,500 psi
Nominal Impedance (Ohm)
73
Nominal Capacitance (pF/m)
59
Attenuation 100MHz (db/km)
89
Voltage Rating
3.0kv
UL Standard
1354
CCS = Copper Clad Steel
FPE = Foam Polyethylene
OFC = Oxygen Free Copper
RG-6
Video & General
Part No.
Length
Black
F6-3B
3’
F6-6B
6’
F6-10B
10’
F6-12B
12’
F6-15B
15’
F6-25B
25’
F6-50B
50’
F6-75B
75’
F6-100B
100’
White
F6-3W
3’
F6-6W
6’
F6-10W
10’
F6-12W
12’
F6-15W
15’
F6-25W
25’
F6-50W
50’
F6-75W
75’
F6-100W
100’
F Series Cables
Test Products International, Inc.
9615 SW Allen Blvd., Ste. 104 • Beaverton, OR 97005
503-520-9197 • Fax: 503-520-1225
www.testproductsintl.com
L BNC-0805
Copyright © 2005 Test Products International, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com