Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6-15W Datasheet(PDF) 1 Page - API Delevan

Part # F6-15W
Description  BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

F6-15W Datasheet(HTML) 1 Page - API Delevan

  F6-15W Datasheet HTML 1Page - API Delevan F6-15W Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• UL Listed Cable: Ensures quality and consistency in the cable
construction.
• RG-6: Cable type that is standard in the video and cable TV industry
• Molded Ends: Limits the amount of bending the cable is exposed to
at the connector to prevent cable breakage.
• Screw-on F-Type Connectors: Ensure positive connection thus
eliminating shadows in the picture.
• Lengths Available up to 100 ft.: Easily route cables into other
rooms or floors.
• Available in black or white: Easily hide the cable along walls or behind equipment.
• Individually bagged
• UL Listed Cable: Ensures quality and consistency in the cable construction.
• Boot is molded to cable connector for added strength: Limits the
amount of bending the cable is exposed to at the connector to prevent
cable breakage.
• Gold center pins: Ensures that there is a high quality connection
maintaining the best return loss in high definition applications.
• Machined Brass Connectors: Unlike die-cast connectors,
machined brass connectors have more precise tolerances,
strength and positive mating meaning low signal loss for precise
video and data applications.
• 95% Shielding: Keeps unwanted RF interference from infiltrating your signal giving
you nice, clean output.
• 80º temperature rating: Applicable to any application found indoors.
• Lengths Available up to 100 ft.: Easily route cables into other rooms or floors.
• Individually bagged
BNC to BNC Coax Cable Assemblies: Used in Serial Digital,
Communication, HDTV, and Broadband Applications
F Cables with Screw-on Ends: Used in Broadband Applications
The Value Leader™


Similar Part No. - F6-15W

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F6-10 TRIAD-F6-10 Datasheet
217Kb / 3P
Power Transformer Chassis Mount Quick Pack
F6-10 TRIAD-F6-10_13 Datasheet
45Kb / 1P
Chassis Mount: Quick Pack
F6-12 TRIAD-F6-12 Datasheet
217Kb / 3P
Power Transformer Chassis Mount Quick Pack
F6-120 TRIAD-F6-120 Datasheet
217Kb / 3P
Power Transformer Chassis Mount Quick Pack
F6-120 TRIAD-F6-120_13 Datasheet
45Kb / 1P
Chassis Mount: Quick Pack
More results

Similar Description - F6-15W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Winchester Electronics ...
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
Serial Digital BNC Connectors
logo
Pasternack Enterprises,...
PE3264 PASTERNACK-PE3264 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable Using RG8X Coax
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C3325 PASTERNACK-PE3C3325 Datasheet
363Kb / 4P
BNC Male to BNC Female Cable Using RG174 Coax
PE3C3397 PASTERNACK-PE3C3397 Datasheet
370Kb / 4P
BNC Male to BNC Female Bulkhead Cable Using RG174 Coax
PE3C3399 PASTERNACK-PE3C3399 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable Using RG188 Coax
PE3C3453 PASTERNACK-PE3C3453 Datasheet
362Kb / 4P
BNC Male to BNC Female Cable Using RG188 Coax
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com