Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112M-07 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9112M-07
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112M-07 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9112M-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9112-06/07
Notes:
1.
Guaranteed by design and characterization. Not subject to 100% test.
2.
All Skew specifications are mesured with a 50
Ω transmission line, load teminated with 50Ω to 1.4V.
3.
Duty cycle measured at 1.4V.
4.
Skew measured at 1.4V on rising edges. Loading must be equal on outputs.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V L
I
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V H
I
0
.
2V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
I L
I
V N
I
V
0
=9
10
.
0
5A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
I H
I
V N
I
V
=
D
D
0
1
.
00
.
0
0
1A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
1
V L
O
I L
O
A
m
8
=5
2
.
04
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
V H
O
I H
O
A
m
8
=4
.
29
.
2V
y
l
p
p
u
S
n
w
o
D
r
e
w
o
P
t
n
e
r
r
u
C
I D
D
z
H
M
0
=
F
E
R0
.
7
30
.
5
7A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
I D
D
L
E
S
z
H
M
6
6
.
6
6
t
a
s
t
u
t
u
o
d
e
d
a
o
l
n
U
V
t
a
s
t
u
p
n
i
D
D
D
N
G
r
o
0
.
6
10
.
0
4A
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com