Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112M-07 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9112M-07
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112M-07 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9112M-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9112M-07 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9112-06/07
Block Diagram
Low Skew Output Buffer
9112-06 9112-07 Rev H 1/22/99
Pin Configuration
16 pin SOIC
•
Zero input - output delay
•
Frequency range 25 - 75 MHz (3.3V), 30-90MHz (5.0V)
•
Less than 200 ps Jitter between outputs
•
Skew controlled outputs
•
Skew less than 250 ps between outputs
•
Available in 8 or 16 pin versions, 150 mil SOIC packages
•
3.3V ±10%, 5.0V±10% operation
The ICS9112 is a high performance, low skew, low jitter clock
driver. It uses a phase lock loop (PLL) technology to align, in
both phase and frequency, the REF input with the CLKOUT
signal. It is designed to distribute high speed clocks in PC
systems operating at speeds from 25 to
75 MHz (30 to 90mHz for 5V operation).
ICS9112 is a zero delay buffer that provides synchronization
between the input and output. The synchronization is
established via CLKOUT feed back to the input of the PLL.
Since the skew between the input and output is less than +/-
350 pS, the part acts as a zero delay buffer.
The ICS9112 comes in with two different options; dash 06
and dash 07. The dash 07 is available in a 16 pin 150 mil SOIC
package. It has two banks of four outputs controlled by two
address lines. Depending on the selected address line, bank B
or both banks can be put in a tri-state mode. In this mode, the
PLL is still running and only the output buffers are put in a
high impedance mode. The test mode shuts off the PLL and
connects the input directly to the output buffers (see table
below for functionality).
The dash 06 is an eight pin 150 mil SOIC package. It has five
output clocks. In the absence of REF input, both ICS9112-06
and -07 will be in the power down mode. In this mode, the
PLL is turned off and the output buffers are pulled low. Power
down mode provides the lowest power consumption for a
standby condition.
8 pin SOIC
2
S
F1
S
F
A
K
L
C
)
4
,
1
(
B
K
L
C
)
4
,
1
(
T
U
O
K
L
C
t
u
p
t
u
O
e
c
r
u
o
S
L
L
P
n
w
o
d
t
u
h
S
00
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Tn
e
v
i
r
DL
L
PN
01
n
e
v
i
r
De
t
a
t
s
i
r
Tn
e
v
i
r
DL
L
PN
10
t
s
e
T
e
d
o
M
t
s
e
T
e
d
o
M
t
s
e
T
e
d
o
M
F
E
RY
11
n
e
v
i
r
Dn
e
v
i
r
Dn
e
v
i
r
DL
L
PN
Functionality (-07)
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all device
data to verify that any information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9112M-07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112M-31 ICST-ICS9112M-31 Datasheet
237Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/2/99
ICS9112M-32 ICST-ICS9112M-32 Datasheet
237Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/2/99
ICS9112M-35 ICST-ICS9112M-35 Datasheet
225Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
ICS9112M-36 ICST-ICS9112M-36 Datasheet
225Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
ICS9112M-43 ICST-ICS9112M-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
More results

Similar Description - ICS9112M-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
PLL102-15 PLL-PLL102-15 Datasheet
109Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com