Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9131 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9131
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9131 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9131 Datasheet HTML 1Page - Integrated Circuit Systems ICS9131 Datasheet HTML 2Page - Integrated Circuit Systems ICS9131 Datasheet HTML 3Page - Integrated Circuit Systems ICS9131 Datasheet HTML 4Page - Integrated Circuit Systems ICS9131 Datasheet HTML 5Page - Integrated Circuit Systems ICS9131 Datasheet HTML 6Page - Integrated Circuit Systems ICS9131 Datasheet HTML 7Page - Integrated Circuit Systems ICS9131 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9131
Electrical Characteristics at 5V
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Operating VDD = +4.5V to +5.5V; TA =0°C to 70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Note 2: With the STOPCLK pin low (active).
Note 3: Absolute Jitter measured as the shortest and longest period difference to the mean period of the sample set.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
--
0.8
V
Input High Voltage
V
IH
2.0
-
-
V
Input Low Current
I
IL
V
IN=0V
-15.0
-6.0
µA
Input High Current
I
IH
V
IN
=V
DD
-2.0
-
2.0
µA
Pull-up Resistor, Note 1
R
pu
V
IN
=V
DD
-1V
-
400
700
k ohms
Output Low Current, Note 1
I
OL
V
OUT
=0. 8V
25
45
-
mA
Output High Current, Note 1
I
OH
V
OUT
=2.0V
-
-53
-35
mA
Output Low Voltage
V
OL
I
OL
=10mA
-
0.15
0.4
V
Output High Voltage, Note 1
V
OH
I
OH=-30mA
2.4
3.7
-
V
Supply Current
I
DD
No load, at 50 MHz
-
18
35
mA
Output Frequency Change over
Supply and Temperature, Note 1
F
d
With respect to typical
frequency
-
0.002
0.05
%
Standby Supply Current, Note 2
I
DDSTDBY
Unloaded
-
12
25
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com