Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9131 Datasheet (PDF) - Integrated Circuit Systems

ICS9131 Datasheet PDF - Integrated Circuit Systems
Part # ICS9131
Download  ICS9131 Download
File Size   295.07 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32 KhZ Motherboard Frequency Generator

ICS9131 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9131 Datasheet PDF - Integrated Circuit Systems

Part # ICS9131
Download  ICS9131 Click to download

File Size   295.07 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32 KhZ Motherboard Frequency Generator

ICS9131 Datasheet (HTML) - Integrated Circuit Systems


ICS9131 Product details

General Description

The ICS9131 offers a tiny footprint solution for generating a selectable CPU clock from a 32.768 kHz crystal. The device allows a variety of microprocessors to be clocked by changing the state of address lines FS0, FS1, and FS2. The ICS9131 is the ideal solution for replacing high speed oscillators and for reducing clock speeds to save power in computers.



 Features

• Single 32.768 kHz crystal generates system clock and selectable CPU clock

• Generates CPU clocks from 8 MHz to 100 MHz.

• Operates from 3.3V or 5.0V supply

• Operates up to 66 MHz at 3.3V

• Separate VDD for 32 kHz clock enables it to run from battery

• STOPCLK feature allows for a glitch-free turn-on and Pen-turn-off of the CPU clock to static processors

• Output enable tristates outputs

• 16-pin PDIP or SOIC package

• Frequency selects allow for a smooth transition of the CPUCLK




Similar Part No. - ICS9131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
More results


Similar Description - ICS9131

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
ICS9133X ICST-ICS9133X Datasheet
144Kb / 8P
32 kHz Motherboard Frequency Generator
Rev A 052897
ICS9134-06 ICST-ICS9134-06 Datasheet
204Kb / 6P
32 kHz Motherboard Frequency Generator
RevC111695
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com