Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9133X Datasheet (PDF) - Integrated Circuit Systems

ICS9133X Datasheet PDF - Integrated Circuit Systems
Part # ICS9133X
Download  ICS9133X Download
File Size   144.55 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32 kHz Motherboard Frequency Generator

ICS9133X Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9133X Datasheet PDF - Integrated Circuit Systems

Part # ICS9133X
Download  ICS9133X Click to download

File Size   144.55 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32 kHz Motherboard Frequency Generator

ICS9133X Datasheet (HTML) - Integrated Circuit Systems


ICS9133X Product details

General Description
The ICS9133Xis designed to generate clocks for all 286, 386, 486, Pentium and RISC-based motherboards, including laptops and notebook computers. The only external components required are a 32.768 kHz crystal and decoupling capacitors.

Features
• Single 32.768 kHz crystal generates all PC motherboard clocks
• Cost-reduced version of popular ICS9132
• Contains internal crystal load capacitors and feedback bias
• 3 independent clock generators
• Generates CPU clocks from 12.5 to 100 MHz
• Up to 7 output clocks
• Separate VDD for 32 kHz clock
• Output enable tristates outputs
• Power-down options available
• Operates from 3.3V or 5.0V supply
• Operates up to 66 MHz at 3.3V
• Skew controlled 1X and 2X CPU clocks
• 20-pin PDIP or SOIC package




Similar Part No. - ICS9133X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
High Performance Communication Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Renesas Technology Corp
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results


Similar Description - ICS9133X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9134-06 ICST-ICS9134-06 Datasheet
204Kb / 6P
32 kHz Motherboard Frequency Generator
RevC111695
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com