Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9133X Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9133X
Description  32 kHz Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9133X Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9133X Datasheet HTML 1Page - Integrated Circuit Systems ICS9133X Datasheet HTML 2Page - Integrated Circuit Systems ICS9133X Datasheet HTML 3Page - Integrated Circuit Systems ICS9133X Datasheet HTML 4Page - Integrated Circuit Systems ICS9133X Datasheet HTML 5Page - Integrated Circuit Systems ICS9133X Datasheet HTML 6Page - Integrated Circuit Systems ICS9133X Datasheet HTML 7Page - Integrated Circuit Systems ICS9133X Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9133X
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all device
data to verify that any information being relied upon by the customer is current and accurate.
The ICS9133Xis designed to generate clocks for all 286, 386,
486, Pentium and RISC-based motherboards, including lap-
tops and notebook computers. The only external components
required are a 32.768 kHz crystal and decoupling capacitors.
The device generates the 14.318 MHz system clock, eliminating
the need for a 14.318 MHz crystal. High performance applications
may require high speed clock termination components. The
chip includes three independent clock generators plus the
32.768 kHz reference clock to produce all necessary frequencies,
including real time clock/DRAM refresh, master clock, CPU
clock, twice CPUclock frequency, keyboard clock, floppy
disk controller clock, serial communications clock and bus
clocks. Different frequencies from clock #2 can be selected
using the frequency select pins, but clock #1 will be at 14.318
MHz for all standard versions.
•
Single 32.768 kHz crystal generates all PC
motherboard clocks
•
Cost-reduced version of popular ICS9132
•
Contains internal crystal load capacitors and
feedback bias
•
3 independent clock generators
•
Generates CPU clocks from 12.5 to 100 MHz
•
Up to 7 output clocks
•
Separate VDD for 32 kHz clock
•
Output enable tristates outputs
•
Power-down options available
•
Operates from 3.3V or 5.0V supply
•
Operates up to 66 MHz at 3.3V
•
Skew controlled 1X and 2X CPU clocks
•
20-pin PDIP or SOIC package
9133X Rev A 052897P
Block Diagram
32 kHz Motherboard Frequency Generator
VDD32 Supply
The ICS9133X has a separate power supply for the 32.768
kHz oscillator circuitry. This allows the 32 kHz clock to run
from a battery or other source while the main power to the
chip is disconnected. The VDD32 supply is guaranteed to
operate down to +2.0V, with the clock consuming less than
10µA at +3.3V with the main VDD at 0V.
The frequencies and power-down options in the ICS9133X
are mask programmable. Customer specific masks can be
made and prototypes delivered within 6-8 weeks from receipt
of order. Integrated Circuit Systems also offers standard versions,
such as that described in this data sheet.
Applications
Notebook/Palmtop Computers: The ICS9133X works with
+3V and +5V and a single 32.768 kHz crystal, making it the
ideal solution for generating clocks in portables with minimum
board space. The user can save power by using this single part
instead of oscillators or other frequency generators. The
ICS9133Xfurther reduces the current consumption by having
the ability to completely shut down the individual clocks
when not in use, while still maintaining the separately powered
32.768 kHz clock.


Similar Part No. - ICS9133X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
High Performance Communication Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Renesas Technology Corp
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results

Similar Description - ICS9133X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9134-06 ICST-ICS9134-06 Datasheet
204Kb / 6P
32 kHz Motherboard Frequency Generator
RevC111695
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com