Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9133X Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9133X
Description  32 kHz Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9133X Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9133X Datasheet HTML 1Page - Integrated Circuit Systems ICS9133X Datasheet HTML 2Page - Integrated Circuit Systems ICS9133X Datasheet HTML 3Page - Integrated Circuit Systems ICS9133X Datasheet HTML 4Page - Integrated Circuit Systems ICS9133X Datasheet HTML 5Page - Integrated Circuit Systems ICS9133X Datasheet HTML 6Page - Integrated Circuit Systems ICS9133X Datasheet HTML 7Page - Integrated Circuit Systems ICS9133X Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9133X
Electrical Characteristics at 3.3V
Operating VDD = +3.0V to 3.7V; TA =0°C to 70°C unless otherwise stated
Note: 1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
2. 32 kHz output duty cycle is dependent on crystal used.
Absolute Maximum Ratings
VDD referenced to GND ....................................................................................................................................................... 7V
Operating temperature under bias ....................................................................................................................... 0°C to +70°C
Storage temperature ......................................................................................................................................... -40°C to +150°C
Voltage on I/O pins referenced to GND ........................................................................................ GND -0.5V to VDD +0.5V
Power dissipation .......................................................................................................................................................... 0.5 Watts
Stresses above those listed underAbsolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V (Pull-up)
-12
-
-
µA
Input High Current
IIH
VIN=VDD
-2-2
µA
Output Low Voltage
1
VOL
IOL=4mA
-
-
0.1
V
Output High Voltage
1
VOH
IOH=-1mA
VDD-.1V
-
-
V
Output High Current1
VOH
IOH=-4mA
-
-
-
V
Output High Current
1
VOH
IOH=-8mA
2.4
-
-
V
Output Frequency Change
over Supply and
Temperature1
FD
With respect to typical
frequency1
-
.005
0.05
%
Short Circuit Current
1
ISC
Each output clock
-
15
-
mA
Supply Current
IDD
No load, 40 MHz
-
10
-
mA
VDD32 Supply Current
IDD 32
No load, VDD32=3.7V
-
5
12
µA
VDD32 Supply Voltage
VDD 32
VDD=0 to 3.7V, 32 kHz output
operating
2.0-
-V
Pull-up Resistor Value
Rpu
-
620
-
k½
AC Characteristics
Input Clock Rise Time
1
tICr
--
5
µs
Input Clock Fall Time
1
tICf
--
5
µs
Output Rise Time
1
tr
15pF load, 0.8 to 2.0V
-
1.5
2
ns
Rise Time
1
tf
15pF load, 20% to 80% VDD
-
2.54ns
Output Fall Time
1
tf
15pF load, 2.0 to 0.8V
-
1.5
2
ns
Fall Time
1
tf
15pF load, 80% to 20% VDD
-
2.54ns
Duty Cycle1
dt
15pF load @ Vth=1.4V
43/57
48/52
57/43
%
Duty Cycle, reference
clocks
1
dt
15pF load @ 1.4V
2
40/60
43/57
60/40
%
Jitter, One Sigma1
As compared with clock period.
-
1
3
%
Jitter, Absolute
1
tjab
-2
5
%
Input Frequency1
fi
25
32.768
40
kHz
Clock Skew between any
Clock #2 outputs
1
Tsk
-
100
500
ps
Power-up Time1
tpu
From off to 40 MHz
-
1,000
-
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com