Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9133X Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9133X
Description  32 kHz Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9133X Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9133X Datasheet HTML 1Page - Integrated Circuit Systems ICS9133X Datasheet HTML 2Page - Integrated Circuit Systems ICS9133X Datasheet HTML 3Page - Integrated Circuit Systems ICS9133X Datasheet HTML 4Page - Integrated Circuit Systems ICS9133X Datasheet HTML 5Page - Integrated Circuit Systems ICS9133X Datasheet HTML 6Page - Integrated Circuit Systems ICS9133X Datasheet HTML 7Page - Integrated Circuit Systems ICS9133X Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9133X
Block Diagram for ICS9133X
Recommended External Circuit
Reference
Clock
32.768 kHz
crystal
32.768 kHz
14.318 MHz
14.318 MHz
Clock
Generator
Output
Buffers
CPU
OE
16 MHz
12 MHz
24 MHz
CPU Clock
2XCPU
Peripheral
Clocks
Output
Buffers
Output
Buffers
Frequency Select
3
/
Notes:
1. The external components shown should be placed as close to the device as possible.
2. Pins 5 and 15 should be connected together externally. One decoupling capacitor may suffice for both pins.
3. May be part of system decoupling.
4. Crystal load capacitance and feedback bias contained internally on the X1, X2 pins.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
0.1µF
0.1µF
0.1µF
2.2µF
0.1µF
(Note 3)
32.768
kHz
VDDX
(Note 4)
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com