Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9133X Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9133X
Description  32 kHz Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9133X Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9133X Datasheet HTML 1Page - Integrated Circuit Systems ICS9133X Datasheet HTML 2Page - Integrated Circuit Systems ICS9133X Datasheet HTML 3Page - Integrated Circuit Systems ICS9133X Datasheet HTML 4Page - Integrated Circuit Systems ICS9133X Datasheet HTML 5Page - Integrated Circuit Systems ICS9133X Datasheet HTML 6Page - Integrated Circuit Systems ICS9133X Datasheet HTML 7Page - Integrated Circuit Systems ICS9133X Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9133X
Pin Configuration
Decoding Table for CPU Clock
Pin Descriptions
* Only at 5V supply voltage
20-Pin PDIP or SOIC
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
32 kHz
Output
32.768 kHz buffered output, powered by VDD32.
2
X2
Output
Connect 32.768 kHz crystal. Includes internal XTAL load capacitance.
3
X1
Input
Connect 32.768 kHz crystal. This pin includes internal XTAL load capacitance and
feedback bias for a 32.768 kHz crystal.
4
VDD32
-
Power supply for 32 kHz oscillator only.
5
VDD
-
Power supply (+3.3 to +5.0V).
6
GND
-
GROUND.
7
16 MHz
Output
16 MHz clock output.
8
24 MHz
Output
24 MHz clock output.
9
12 MHz
Output
12 MHz clock output.
10
GND
-
GROUND.
11
OE
Input
OE tristate outputs when low. Has internal pull-up.
12
VDD
-
Power supply (+3.3 to +5.0V).
13
14.318 MHz
Output
14.318 MHz clock output.
14
GND
-
GROUND.
15
VDD
-
Power supply (+3.3 to +5.0V).
16
2XCPU
Output
2XCPU clock output (see decoding table).
17
CPU
Output
CPU clock output (see decoding table).
18
SCLK2
Input
CPU clock frequency SELECT2. Has internal pull-up.
19
SCLK1
Input
CPU clock frequency SELECT1. Has internal pull-up.
20
SCLK0
Input
CPU clock frequency SELECT0. Has internal pull-up.
SCLK22
SCLK21
SCLK20
2XCPU
CPU
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
16
32
40
50
66.6
80*
100*
4
8
16
20
25
33.3
40*
50*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com