Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-06 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9147F-06
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-06 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9147F-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ICS9147-06
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC C haracteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
-
-
0.2VDD
V
Input High Voltage
V
IH
0.7V
DD
--
V
Input Low Current
I
IL
VIN=0V
-28.0
-10.5
-
µA
Input High Current
I
IH
VIN=VDD
-5.0
-
5.0
µA
Output Low Current
I
OL1
VOL=0.8V;
for CPUH, BUS & REF1
(and CPU & IOAPIC at VDDL= 3.0
to 3.7V)
-
33.0
-
mA
Output High Current
I
OH1
VOH=2.0V;
for CPUH, BUS & REF1
(and CPU & IOAPIC at VDDL = 3.0
to 3.7V)
--28.0
-
mA
Output Low Current
I
OL2
VOL=0.8V; REF (2:3), 24, 48 CLKs
-
26.0
-
mA
Output High Current
I
OH2
VOH=2.0V; REF (2:3), 24, 48 CLKs
-
-21.0
-
mA
Output Low Current
I
OL3
VOL=0.8V; for CPUL at
VDDL = 2.5V
-26
-
mA
Output High Current
I
OH3
VOH = 1.7V; for CPUL at
VDDL = 2.5V
-24
-
mA
Output Low Voltage
V
OL1
IOL = 10mA;
for CPUH, BUS & REF1
(and CPUL at VDDL = 3.0 to 3.7V)
-
0.22
0.4
V
Output High Voltage
V
OH1
IOH = -10mA;
for CPUH, BUS & REF
(and CPUL at VDDL = 3.0 to 3.7V)
2.4
2.8
-
V
Output Low Voltage
V
OL2
IOL = 8mA
-
0.25
0.4
V
Output High Voltage
V
OH2
IOH = -8mA
2.4
2.6
-
V
Output Low Voltage
V
OL3
IOL = 8 mA; for CPUL at
VDDL = 2.5V
-
0.25
0.4
V
Output High Voltage
V
OH3
IOH = -8mA; for CPUL at
VDDL = 2.5V
2.1
2.25
-
V
Supply Current
I
DD
@66.6 MHz; all outputs unloaded
-
70
140
mA
Supply Current
I
DD
PD#
230
500
µA
VDDL=VDD3=3.0 – 3.7 V, TA = 0 – 70
° C unless otherwise stated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com