Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9147F-06
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9147F-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9147-06
Block Diagram
Pentium is a trademark of Intel Corporation
Frequency Generator & Integrated Buffers for PENTIUMTM
9147-06 RevA 5/29/97P
Pin Configuration
The ICS9147-06 generates all clocks required for high
speed RISC or CISC microprocessor systems such as Intel
PentiumPro. Two different reference frequency multiplying
factors are externally selectable with smooth frequency
transitions. Glitch-free Stop clock control is provided for
CPU and BUS clocks. Complete chip low current mode is
achieved with the Power Down# pin.
High drive BUS outputs typically provide greater than 1V/
ns slew rate into 30 pF loads. CPU outputs typically provide
better than 1V/ns slew rate into 20 pF loads while
maintaining 50±5% duty cycle. The REF and IOAPIC clock
outputs typically provide better than 0.5V/ns slew rates.
Separate buffer supply pins VDDL allow for nominal 3.3V
voltage or reduced voltage swing (from 2.9 to 2.5V) for
CPU (1:4) and IOAPIC outputs.
•
Generates five processor, eight bus, four 14.31818 MHz,
two 48 MHz clocks for USB support and one 24 MHz
clock.
•
CPU to BUS clock skew 1 to 4ns (CPU early)
•
Synchronous clocks skew matched to 250ps window on
CPU and 500ps window on BUS.
•
Selectable multiplying ratios
•
Glitch free stop clock controls CPUEN and BUSEN
•
3.0V – 3.7V supply range, 2.5V to VDD supply range for
CPU (1:4) clocks and IOAPIC clock.
•
48-pin SSOP package
48-Pin SSOP
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9147F-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147F-01 ICST-ICS9147F-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147F-03 ICST-ICS9147F-03 Datasheet
365Kb / 8P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 04/25/01
ICS9147F-09 ICST-ICS9147F-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
More results

Similar Description - ICS9147F-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com