Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-13 Datasheet (PDF) - Integrated Circuit Systems

ICS9148-13 Datasheet PDF - Integrated Circuit Systems
Part # ICS9148-13
Download  ICS9148-13 Download
File Size   347.72 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUMTM

ICS9148-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-13 Datasheet PDF - Integrated Circuit Systems

Part # ICS9148-13
Download  ICS9148-13 Click to download

File Size   347.72 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUMTM

ICS9148-13 Datasheet (HTML) - Integrated Circuit Systems


ICS9148-13 Product details

General Description
The ICS9148-13 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel Pentium and PentiumPro. An output enable is provided for testability.

Features
• Generates twelve processor, six bus, two 14.31818MHz, 24MHz and one 48MHz clock for USB support.
• Synchronous clocks skew matched to 250ps window on CPUs and 500ps window on BUSs • CPU to BUS skew, 3.0 to 5.0ns (CPU Early)
• 3.0V - 3.7V supply range
• 48-pin SSOP package




Similar Part No. - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-111 ICST-ICS9148-111 Datasheet
710Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 10/19/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
More results


Similar Description - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com