Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-13 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9148-13
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-13 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9148-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148-13
Block Diagram
Pentium is a trademark of Intel Corporation
Frequency Generator & Integrated Buffers for PENTIUMTM
9148-13 Rev A 020398
Pin Configuration
The ICS9148-13 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel Pentium
and PentiumPro. An output enable is provided for testability.
Spread Spectrum is available to modulate the CPU and BUS
PLL (leaving the REF, 24, 48 MHz operating normally). The
SS_EN# pin enables the spreading when low. The SS_TYPE
pin choses ±0.5% (nominally) center spread or +0, -2%
(nominally) downspread modulation.
High drive BUS outputs typically provide greater than 1V/ns
slew rate into 30 pF loads. CPU outputs typically provide
better than 1V/ns slew rate into 20 pF loads while maintaining
50 ± 5% duty cycle. The REF clock outputs typically provide
better than 0.8/ns slew rates.
• Generates twelve processor, six bus, two
14.31818MHz, 24MHz and one 48MHz clock for
USB support.
• Synchronous clocks skew matched to 250ps window
on CPUs and 500 ps window on BUSs
•
CPU to BUS skew, 3.0 to 5.0ns (CPU Early)
• 3.0V - 3.7V supply range
• 48-pin SSOP package
48-Pin SSOP
Functionality
2
S
F1
S
F0
S
F
n
i
)
2
1
:
1
(
U
P
C
z
H
M
n
i
)
6
:
1
(
S
U
B
z
H
M
000
5
75
.
7
3
00
1
0
0
13
.
3
3
01
0
5
70
.
0
3
01
1
3
.
3
85
6
.
1
4
10
0
0
55
2
10
1
0
60
3
11
0
7
6
.
6
63
3
.
3
3
111
5
55
.
7
2
E
OF
E
R
4
2
)
z
H
M
(
8
4
)
z
H
M
(
U
P
CS
U
BO
C
VC
S
O
1s
n
u
Rs
n
u
Rs
n
u
Rs
n
u
Rs
n
u
Rs
n
u
Rs
n
u
R
0
-
i
r
T
e
t
a
t
s
-
i
r
T
e
t
a
t
s
-
i
r
T
e
t
a
t
s
-
i
r
T
e
t
a
t
s
-
i
r
T
e
t
a
t
s
s
n
u
Rs
n
u
R
Output Enable
30K pullup resistor to VDD on OE, FS(0:2), SS_EN#, SS_TYPE
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-111 ICST-ICS9148-111 Datasheet
710Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 10/19/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
More results

Similar Description - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com