Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-13 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9148-13
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-13 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9148-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9148- 13
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP2A
1
VO = VDD*(0.5)
10
20
Ω
Output Impedance
RDSN2A
1
VO = VDD*(0.5)
10
20
Ω
Output High Voltage
VOH2A
IOH = -28 mA
2.4
2.5
V
Output Low Voltage
VOL2A
IOL = 27 mA
0.35
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-52
-48
mA
Output Low Current
IOL2A
VOL = 0.8 V
49.3
59
mA
Rise Time
tr2A
1
VOL = 0.8 V, VOH = 2.4 V
1.5
2.5
ns
Fall Time
tf2A
1
VOH = 2.4 V, VOL = 0.8 V
1.3
2
ns
Duty Cycle
dt2A
1
VT = 1.5 V
45
51
55
%
Skew
tsk2A
1
VT = 1.5 V
120
250
ps
Jitter
tj1s2A
1
VT = 1.5 V
60
150
ps
tjabs2A
1
VT = 1.5 V; For 66.66 MHz and lower
-250
100
+250
ps
tjabs2A
1
VT = 1.5 V; For 75 MHz and Higher
-300
150
-300
ps
1
Guarenteed by design, not 100% tested in production.
Electrical Characteristics - 24M, 48M, REF(1:2)
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP5
1
VO = VDD*(0.5)
20
60
Ω
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH5
IOH = -8 mA
2.6
2.9
V
Output Low Voltage
VOL5
IOL = 9 mA
0.3
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
25
mA
Rise Time
tr5
1
VOL = 0.8 V, VOH = 2.4 V
2.0
2.5
ns
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.8 V
1.8
2.3
ns
Duty Cycle
dt5
1
VT = 1.5 V
40
53
60
%
Jitter
tj1s5
1
VT = 1.5 V
200
300
ps
tjabs5
1
VT = 1.5 V
-700
500
700
ps
1
Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com