Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-01 Datasheet (PDF) - Integrated Circuit Systems

ICS9147-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS9147-01
Download  ICS9147-01 Download
File Size   442.94 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUMTM

ICS9147-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9147-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS9147-01
Download  ICS9147-01 Click to download

File Size   442.94 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUMTM

ICS9147-01 Datasheet (HTML) - Integrated Circuit Systems


ICS9147-01 Product details

General Description

The ICS9147-01 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro. Two bidirectional I/O pins (FS1,FS2) are latched at power-on to the functionality table, with FS0 selectable in real-time to toggle between conditions. The inputs provide for tristate and test mode conditions to aid in system level testing. These multiplying factors can be customized for specific applications. Glitch-free stop clockcontrols are provided for CPU clocks and BUS clocks.



Features

• Four copies of CPU clock

• Six SDRAM (3.3 V TTL), usable as AGP clocks

• Seven copies of BUS clock (synchronous with CPU clock/2 or CPU/2.5 for 75 and 83.3 MHz CPU)

• CPU clocks to BUS clocks skew 1-4ns (CPU early)

• One IOAPIC clock @14.31818 MHz

• Two copies of Ref. clock @14.31818 MHz

• One each 48/ 24 MHz (3.3 V TTL)

• This device is configured into the Mobile mode for power management of Intel 430 TX

• Ref. 14.31818 MHz Xtal oscillator input

• Separate 66/60 MHz select pin (LSB of select pins)

• Separate VDD2 for four CPU and single IOAPIC output

buffers to allow 2.5V output (or Std. Vdd)

• Power Management Control Input pins

• 3.0V – 3.7V supply range w/2.5V compatible outputs

• 48-pin SSOP package




Similar Part No. - ICS9147-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
More results


Similar Description - ICS9147-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com