Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9147-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9147-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9147-01
Pin Descriptions
* Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic
Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
P
E
M
A
N
N
I
P
E
P
Y
T
N
O
I
T
P
I
R
C
S
E
D
1
2
F
E
RT
U
O*
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
R
2
S
FN
I*
2
ti
B
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
2
1
F
E
RT
U
O*
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
R
1
S
FN
I*
1
ti
B
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
,
1
3
,
4
2
,
7
1
,
0
1
,
3
3
4
,
7
3
D
N
GR
W
P.
d
n
u
o
r
G
41
XN
I
l
a
n
r
e
t
x
E
.
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
ll
a
n
i
m
o
N
.t
u
p
n
i
l
a
t
s
y
r
C
r
e
t
s
a
f
n
o
r
e
w
o
p
D
D
V
r
o
f
d
e
d
n
e
m
m
o
c
e
r
D
N
G
o
t
F
p
0
3
f
o
d
a
o
l
l
a
t
s
y
r
c
.
s
m
0
.
2
n
a
h
t
52
XT
U
O
.
1
X
o
t
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.t
u
p
t
u
o
l
a
t
s
y
r
C
r
e
w
o
p
D
D
V
r
o
f
d
e
d
n
e
m
m
o
c
e
r
D
N
G
o
t
F
p
0
1
f
o
d
a
o
l
l
a
t
s
y
r
c
l
a
n
r
e
t
x
E
.
s
m
0
.
2
n
a
h
t
r
e
t
s
a
f
n
o
4
3
,
8
2
,
5
1
,
73
D
D
VR
W
P.
y
l
p
p
u
s
r
e
f
f
u
b
M
A
R
D
S
d
n
a
S
U
B
,
y
l
p
p
u
s
r
e
w
o
p
O
/
I
V
3
.
3
6
1
,
4
1
,
3
1
,
2
1
,
1
1
,
9
,
8)
6
:
1
(
S
U
B
,
F
S
U
BT
U
Oy
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
s
.
s
t
u
p
t
u
o
k
c
o
l
c
S
U
B
8
1O
S
FN
I
n
i
s
n
o
i
t
c
e
l
e
s
r
e
h
t
o
r
o
,
z
H
M
0
6
r
o
z
H
M
6
.
6
6
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
.
e
l
b
a
t
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
8
4
,
5
2
,
1
2D
D
VR
W
P.
r
e
w
o
p
k
c
o
l
c
d
e
x
i
f
d
n
a
,
y
l
p
p
u
s
r
e
w
o
p
e
r
o
C
3
2
,
2
2z
H
M
4
2
,
8
4T
U
Os
t
u
p
t
u
o
k
c
o
l
c
z
H
M
4
2
,
8
4
6
2#
P
O
T
S
S
U
BN
I
s
i
n
i
p
n
e
h
w
s
k
c
o
l
c
)
6
:
1
(
S
U
B
ll
a
p
o
t
s
y
l
s
u
o
n
o
r
h
c
n
y
s
o
t
n
i
p
t
u
p
n
I
.
w
o
l
7
2#
P
O
T
S
U
P
CN
I
n
e
h
w
s
k
c
o
l
c
M
A
R
D
S
d
n
a
U
P
C
ll
a
p
o
t
s
y
l
s
u
o
n
o
r
h
c
n
y
s
o
t
n
i
p
t
u
p
n
I
.
w
o
l
s
i
n
i
p
,
0
3
,
2
3
,
3
3
,
5
3
,
6
3
9
2
)
6
:
1
(
M
A
R
D
ST
U
O
.
y
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
S
.
d
e
e
p
s
U
P
C
t
a
s
k
c
o
l
c
M
A
R
D
S
.
3
D
D
V
y
b
d
e
r
e
w
o
P
6
4
,
0
42
D
D
VR
W
P
o
t
d
e
i
t
e
b
n
a
c
,
s
r
e
f
f
u
b
C
I
P
A
O
I
d
n
a
U
P
C
r
o
f
y
l
p
p
u
S
r
e
w
o
P
V
5
.
2
n
o
i
t
a
r
e
p
o
V
3
.
3
r
o
f
3
D
D
V
8
3
,
9
3
,
2
4
,
1
4)
4
:
1
(
U
P
CT
U
Oy
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
S
.
s
k
c
o
l
c
t
u
p
t
u
o
k
c
o
l
c
U
P
C
4
4#
D
PN
I
L
L
P
h
t
o
b
f
f
o
s
r
e
w
o
p
,
w
o
l
n
e
h
W
.
t
u
p
n
i
l
o
r
t
n
o
c
c
i
g
o
l
n
w
o
d
r
e
w
o
P
.
w
o
l
c
i
g
o
l
o
t
d
e
c
r
o
f
s
t
u
p
t
u
o
ll
a
d
n
a
5
4C
I
P
A
O
IT
U
O
d
e
r
e
w
o
P
)
l
a
t
s
y
r
c
l
a
n
i
m
o
n
h
ti
w
8
1
3
.
4
1
=
q
e
r
F
(
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
y
l
p
p
u
s
2
D
D
V
y
b
7
4
,
0
2
,
9
1
,
6C
/
N—
.
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
t
o
n
s
n
i
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com