Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9147-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9147-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS9147-01 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ICS9147- 01
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Note 2: Includes VDD2 = 2.5V
Note 3:
VDD3 = 3.3V
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
m
i
T
e
s
i
R
1
Ta
1
r
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
0
2
V
3
.
3
=
D
D
V
;
U
P
C
-9
.
05
.
1s
n
e
m
i
T
e
s
i
R
1
Tb
1
r
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
0
2
V
5
.
2
@
L
D
D
V
;
U
P
C
-5
.
10
.
2s
n
e
m
i
T
ll
a
F
3
,
1
T1
f;
U
P
C
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
0
2-
8
.
04
.
1s
n
e
m
i
T
e
s
i
R
1
T2
rV
0
.
2
o
t
8
.
0
M
A
R
D
S
d
a
o
l
F
p
0
3-
0
.
16
.
1s
n
e
m
i
T
ll
a
F
1
T2
fV
8
.
0
o
t
0
.
2
M
A
R
D
S
d
a
o
l
F
p
0
3-
9
.
05
.
1s
n
e
m
i
T
e
s
i
R
1
T3
rV
0
.
2
o
t
8
.
0
S
U
B
d
a
o
l
F
p
0
3-
2
.
10
.
2s
n
e
m
i
T
ll
a
F
1
T3
fV
8
.
0
o
t
0
.
2
S
U
B
d
a
o
l
F
p
0
3-
1
.
19
.
1s
n
e
m
i
T
e
s
i
R
3
,
1
T4
r
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
0
2
C
I
P
A
O
I
&
,
2
F
E
R
,
8
4
,
4
2
-3
8
.
04
.
1s
n
e
m
i
T
e
s
i
R
1
Ta
4
r
h
ti
w
C
I
P
A
O
I
,
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
5
4
V
5
.
2
=
L
D
D
V
-2
.
26
.
2s
n
e
m
i
T
ll
a
F
3
,
1
T4
f
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
0
2
C
I
P
A
O
I
&
,
2
F
E
R
,
8
4
,
4
2
-1
8
.
03
.
1s
n
e
m
i
T
e
s
i
R
1
T5
r
C
I
P
A
O
I
V
0
.
2
o
t
8
.
0
F
p
5
4
=
d
a
o
L
V
3
.
3
=
D
D
V
6
.
10
.
2s
n
e
m
i
T
ll
a
F
1
T5
f
1
F
E
R
,
V
8
.
0
o
t
0
.
2
F
p
5
4
=
d
a
o
L
V
3
.
3
=
D
D
V
6
.
10
.
2s
n
e
l
c
y
C
y
t
u
D
1
Dt
V
4
.
1
=
T
U
O
V
@
d
a
o
l
F
p
0
25
40
55
5%
e
l
c
y
C
o
t
e
l
c
y
C
,r
e
tt
i
J
1
Tc
-
c
jV
7
.
3
o
t
0
.
3
=
2
D
D
V
,
U
P
C0
5
10
5
2s
p
a
m
g
i
S
e
n
O
,r
e
tt
i
J
,
12
T1
s
1
j
,
F
p
0
2
=
d
a
o
L
;
U
P
C
F
p
0
3
=
d
a
o
L
s
k
c
o
l
C
S
U
B
&
M
A
R
D
S
-0
50
5
1s
p
e
t
u
l
o
s
b
A
,r
e
tt
i
J
,
12
T1
b
a
j
,
F
p
0
2
=
d
a
o
L
;
U
P
C
p
0
3
=
d
a
o
L
s
k
c
o
l
C
S
U
B
&
M
A
R
D
S
0
5
2
--
0
5
2s
p
a
m
g
i
S
e
n
O
,r
e
tt
i
J
1
T2
s
1
j
,
F
p
0
2
=
d
a
o
L
z
H
M
4
2
/
8
4
,
2
F
E
R
C
1
F
E
RL
F
p
7
4
=
-1
3
%
e
t
u
l
o
s
b
A
,r
e
tt
i
J
1
T2
b
a
j
,
F
p
0
2
=
d
a
o
L
z
H
M
4
2
/
8
4
,
2
F
E
R
C
1
F
E
RL
F
p
7
4
=
5
-2
5
%
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
Fi
0
.
2
18
1
3
.
4
10
.
6
1z
H
M
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
c
i
g
o
L
1
CN
Is
n
i
p
t
u
p
n
i
c
i
g
o
L-
5
-
F
p
e
c
n
a
ti
c
a
p
a
C
r
o
t
a
ll
i
c
s
O
l
a
t
s
y
r
C
1
CX
N
Is
n
i
p
2
X
,
1
X-
8
1-
F
p
e
m
i
T
n
o
-
r
e
w
o
P
1
tn
o
6
.
6
6
f
o
g
n
i
s
s
o
r
c
t
s
1
o
t
V
6
.
1
=
D
D
V
m
o
r
F
s
m
0
4
<
p
m
a
r
y
l
p
p
u
s
D
D
V
z
H
M
-5
.
25
.
4s
m
w
e
k
S
k
c
o
l
C
1
T1
k
s
V
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
U
P
C
o
t
U
P
C
)
D
D
V
e
m
a
S
(
-0
5
10
5
2s
p
w
e
k
S
k
c
o
l
C
1
T2
k
sV
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
S
U
B
o
t
S
U
B-
0
0
30
0
5s
p
w
e
k
S
k
c
o
l
C
,
12
T3
k
s
V
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
S
U
B
o
t
U
P
C
)
y
l
r
a
e
s
i
U
P
C
(
16
.
24
s
n
w
e
k
S
k
c
o
l
C
1
T4
k
s
)
V
5
.
2
@
(
U
P
C
o
t
)
V
3
.
3
@
(
M
A
R
D
S
)
e
t
a
l
s
i
U
P
C
V
5
.
2
(
0
5
20
0
4s
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com