Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-14 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9147F-14
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-14 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9147F-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9147-14
Pins 7, 8 and 26 on the ICS9147-14 serve as dual signal
functions to the device. During initial power-up, they act
as input pins. The logic level (voltage) that is present on
these pins at this time is read and stored into a 4-bit
internal data latch. At the end of Power-On reset, (see AC
characteristics for timing values), the device changes the
mode of operations for these pins to an output function.
In this mode the pins produce the specified buffered
clocks to external loads.
To program (load) the internal configuration register for
these pins, a resistor is connected to either the VDD
(logic 1) power supply or the GND (logic 0) voltage
potential. A 10 Kilohm(10K) resistor is used to provide
both the solid CMOS programming voltage needed during
the power-up programming period and to provide an
insignificant load on the output clock during the subsequent
operating period.
Shared Pin Operation -
Input/Output Pins
Figs. 1 and 2 show the recommended means of
implementing this function. In Fig. 1 either one of the
resistors is loaded onto the board (selective stuffing) to
configure the device’s internal logic. Figs. 2a and b provide
a single resistor loading option where either solder spot
tabs or a physical jumper header may be used.
These figures illustrate the optimal PCB physical layout
options. These configuration resistors are of such a large
ohmic value that they do not effect the low impedance
clock signals. The layouts have been optimized to provide
as little impedance transition to the clock signal as possible,
as it passes through the programming resistor pad(s).
Fig. 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com