Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-14 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9147F-14
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-14 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9147F-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9147-14
Block Diagram
Pentium is a trademark of Intel Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9147-14 Rev B 071897P
•
Four copies of CPU clock
•
Twelve SDRAM (3.3VTTL), usable asAGP clocks
•
Seven copies of PCICLK clock (synchronous with CPU
clock/2 or CPU/2.5 for 75 and 83.3 MHz CPU)
•
CPU clocks to PCICLK clocks skew 1-4ns, center 2.6ns.
•
OneIOAPICclock@14.31818MHz
•
Two copies of Ref. clock @14.31818MHz
•
Ref. 14.31818MHz Xtal oscillator input
•
SeparateVDDL1 for four CPU and single IOAPIC output
buffers to allow 2.5V output (or Std. Vdd)
•
One each 48/ 24MHz (3.3V TTL)
•
3.3Voutputs: SDRAM, PCI, REF, 48/24MHz.
•
2.5V or 3.3V outputs: CPU, IOAPIC.
•
20 ohm CPU clock output impedance
•
20 ohm PCI clock output impedance
•
1.5ns rise time (30 pF loading)
•
±250 ps CPU, PCI clock skew
•
350ps (cycle by cycle) CPU jitter
•
2ms Power up clock stable time
•
45-55% Clock duty cycle
•
48 pin 300 mil SSOP package
•
3.0V – 3.7V supply range w/2.5V compatible outputs
The ICS9147-14 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel
PentiumPro.Two bidirectional I/O pins (FS1,FS2) are latched
at power-on to the functionality table, with FS0 selectable in
real-time to toggle between conditions.
High drive PCICLK and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30pF loads. CPU outputs
typically provide better than 1V/ns slew rate into 20pF loads
while maintaining50±5% duty cycle. The REF clock outputs
typically provide better than 0.5V/ns slew rates. Seperate
buffers supply pins VDDL1 allow for 3.3V or reduced voltage
swing (from 2.9 to 2.5V) for CPU (0:3) and IOAPIC outputs.
Pin Configuration
48-Pin SSOP
Power Groups
VDD1 = REF (0:1), X1, X2, 24MHz, 48MHz
VDD2 = PCICLKF, PCICLK(0:5)
VDD3 = SDRAM (0;11)
VDDL1 = CPUCLK (0:3)
* Internal Pull-up Resistor of
300K to 3.3V on indicated inputs
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9147F-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147F-12 ICST-ICS9147F-12 Datasheet
497Kb / 9P
Pentium/ProTM System and Cyrix??Clock Chip
Rev A 072597
ICS9147F-16 ICST-ICS9147F-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
More results

Similar Description - ICS9147F-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com