Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8553VB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H8553VB
Description  8500 Rocker Switches - Miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H8553VB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H8553VB Datasheet HTML 1Page - List of Unclassifed Manufacturers H8553VB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tel: +44 (0)20 8979 3232 • Arcolectric • email: info@arcoswitch.co.uk
Finish
Matt finish only.
Colour
Call sales for custom colours.
A full range is available for large orders.
Legend printing
Select from the examples or call sales for
custom legends.
Lamp voltage
Call sales for details of available voltages.
Protective cover L167
(designed to IP65)
Snaps on to bodies with V or X style
rockers and A style lens, this reduces
maximum acceptable panel thickness to
2.2mm.
Examples of printing
CL076
CL080
H8550XB - - -
T8550XB - - -
T8550HB - - -
H8550HB - - -
H8500VB - - -
T8500VB - - -
H8550VB - - -
T8550VB - - -
H8553VB - - -
T8553VB - - -
H8580AB - - -
H8550RB Semi-rotary
A splash proofing option
H8500PO - - -
Pushbutton option
13
BODY
B
Standard body with terminal barrier
Panel cut-out
Bezel
BC
Body without terminal barrier
Panel cut-out
Bezel
Dimensions for snap-in fixing
Panel
thickness
Dim X
0.75-1.25
19.1/19.2
1.25-2.00
19.3/19.4
2.00-3.00
19.7/19.8
DIMENSIONS (mm)
5.1
22.5
9.0
2.0
9.0
14.0
6.0
9.5
OPTIONS
21.0
15.0
X
12.9
21.0
15.0
X
12.9
“B” body with barrier for
H, T and K terminals
5.1
16.0
4.5
2.0
9.0
14.0
“BC” body w/o barrier primarily
for L or R terminals
(can be used for all terminals)
Cut-outs must be punched in the direction of insertion
23.2
max
20.5
max
1
12.7
9.5
18.0
23.3
5.0
8.0
12.0
‘PO’ Actuator and body - push button function (8500 only)
CAT 170 P10-17 88-85-12-86_2:CAT 170 P10-17 88/85/12/86
5/11/09
15:57
Page 13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com